Electronic Components Datasheet Search
  English  ▼

X  

CHB75 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CHB75
Description  49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CHB75 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CHB75 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CHB75 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V24
2
+SENSE (8)
TRIM (7)
-SENSE (6)
TRIM UP
TRIM DOWN
+SENSE (8)
TRIM (7)
-SENSE (6)
10K ohms
TRIMPOT
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENRAL SPECIFICATIONS:
Input Voltage Range
....………….......... 12V ..................... 9-18V
Efficiency .
................…..................................……..........…....... See Table
24V .................... 18-36V
Isolation Voltage .................... Input/Output
....………...….. 1500VDC min.
48V
........……........ 36-75V
Input/Case
.………..….….. 1500VDC min.
Input Surge Voltage (100ms max.)
……... 12V …............ 25Vdc max.
Output/Case
……………… 1500VDC min.
24V ............
… 50Vdc max.
Isolation Resistance .............................….....................…….... 107 ohm min.
48V
..….……. 100Vdc max.
Isolation Capacitance
…………………..…………………....…… 1000pF typ.
Under Voltage Lockout:
Switching Frequency ....... (12/24)Vin
.…………........................ 400KHz typ.
12Vin ….…… power up ……… 8.8V, power down …..… 8V
48Vin .............................................. 300KHz typ.
24Vin
….....… power up ………. 17V, power down ….... 16V
Operating Case Temperature …………………………….. -40℃ to 100℃
48Vin ….…… power up …….... 34V, power down …. 32.5V
Storage Temperature ………………....…....……............ -55℃ to +105℃
Positive Logic Remote On/Off (note3&4)
Thermal Shutdown
Case Temp. .…….........………….……..……. 100℃ typ.
Input Filter …………………………………………..…………... Pi Type
Humidity .................................................... 95% RH max. Non condensing
OUTPUT SPECIFICATIONS:
MTBF
………. MIL-HDBK-217F, GB, 25℃, Full Load ………… 1000Khrs typ.
Voltage Accuracy .....................................
......………...........
1.0% max.
Dimensions ...........
.....…….. 2.28
2.40x0.50 inches (57.9x61.012.7 mm)
Transient Response:25% Step Load Change .…………….… <500μs
Case Material ................…................………….……………….. Aluminum
External Trim Adj. Range
………………..……...…………………..
10 %
Weight
…………………………………………………………………….. 92g
Ripple & Noise, 20MHz BW(note5)
NOTE:
3.3V & 5V ………............... 20mV RMS max.
1. Measured from high line to low line.
75mV pk-pk max.
2. Measured from full load to zero load.
12V & 15V …………..……. 30mV RMS max.
3. Logic c
ompatibility …….. open collector ref to –Input
100mV pk-pk max.
Module on
……..……………………………………. open circuit
24V ………………………… 100mV RMS max.
Module off
……..……………………………..…... 0 to < 0.8VDC
240mV pk-pk max.
4. Suffix "N" to the model number with negative logic remote on/off.
Temperature Coefficient
....................………...........….....
0.03%/C max.
5. Output ripple and noise measured with 10uF tantalum and 1uF ceramic
Short Circuit Protection
.........………………........................... Continuous
capacitor across output.
Line Regulation (note
1) …….....................................….
0.2% max.
6.
Suffix “-C” to the model number with clear mounting Insert (3.2mm DIA.)
Load Regulation (note
2) …….............………..................
0.2% max.
7. On/Off Pin is not directly applied voltage, please refer to remote on/off
Over Voltage Protection Trip Range, % Vo nom. .................... 115-140%
control circuit.
Current Limit ................
...……………….... 110% ~150% Nominal Output
Start up Time
……………………………….…………………..…... 5ms typ.
6
Trim
+Sense
+V Output
9
7
8
2*R1.50
BOTTOM VIEW
M3*0.5 Through 4pl.
Function
On/Off
CASE
-V Input
-V Output
-Sense
+V Input
3
4
5
Pin
1
2
Mounting Inserts
Millimeters: X.X= ±0.5 , X.XX=±0.25
All Dimensions In Inches(mm)
CASE HB
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
2.28
[57.9]
1.90
[48.3]
0.50
[12.7]
0.18
[4.6]
min.
REMOTE ON/OFF CONTROL
EXTERNAL OUTPUT TRIM
ON/OFF (2)
-VIN (4)
HIGH SIGNAL HERE
DISABLE OUTPUT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com