Electronic Components Datasheet Search
  English  ▼

X  

74LS194 Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74LS194
Description  LOW POWER SCHOTTKY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LS194 Datasheet(HTML) 5 Page - ON Semiconductor

  74LS194 Datasheet HTML 1Page - ON Semiconductor 74LS194 Datasheet HTML 2Page - ON Semiconductor 74LS194 Datasheet HTML 3Page - ON Semiconductor 74LS194 Datasheet HTML 4Page - ON Semiconductor 74LS194 Datasheet HTML 5Page - ON Semiconductor 74LS194 Datasheet HTML 6Page - ON Semiconductor 74LS194 Datasheet HTML 7Page - ON Semiconductor 74LS194 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN74LS194A
http://onsemi.com
5
AC SETUP REQUIREMENTS (TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tW
Clock or MR Pulse Width
20
ns
ts
Mode Control Setup Time
30
ns
ts
Data Setup Time
20
ns
VCC = 5.0 V
th
Hold time, Any Input
0
ns
trec
Recovery Time
25
ns
DEFINITIONS OF TERMS
SETUP TIME(ts) —is defined as the minimum time
required for the correct logic level to be present at the logic
input prior to the clock transition from LOW to HIGH in
order to be recognized and transferred to the outputs.
HOLD TIME (th) — is defined as the minimum time
following the clock transition from LOW to HIGH that the
logic level must be maintained at the input in order to ensure
continued recognition. A negative HOLD TIME indicates
that the correct logic level may be released prior to the clock
transition from LOW to HIGH and still be recognized.
RECOVERY TIME (trec) — is defined as the minimum time
required between the end of the reset pulse and the clock
transition from LOW to HIGH in order to recognize and
transfer HIGH Data to the Q outputs.
AC WAVEFORMS
The shaded areas indicate when the input is permitted to change for predictable output performance.
Figure 1. Clock to Output Delays Clock Pulse
Width and fmax
Figure 2. Master Reset Pulse Width, Master Reset
to Output Delay and Master Reset to Clock
Recovery Time
1.3 V
1.3 V
OTHER CONDITIONS: S1 = L, MR = H, S0 = H
OTHER CONDITIONS: S0, S1 = H
OTHER CONDITIONS: PO = P1 = P2 = P3 = H
OTHER CONDITIONS: MR = H
OTHER CONDITIONS: *DSR SET-UP TIME AFFECTS Q0 ONLY
OTHER CONDITIONS: DSL SET-UP TIME AFFECTS Q3 ONLY
OTHER CONDITIONS: MR = H
S0
S1
DSR DSL
P0 P1 P2 P3
CLOCK
OUTPUT*
(––– IS SHIFT LEFT)
CLOCK
CLOCK
CLOCK
OUTPUT
OUTPUT
S0 S1
ts(H)
th(L) = 0
th(H) = 0
th(H) = 0
ts(H)
th(L) = 0
ts(L)
th = 0
th = 0
(STABLE TIME)
tPHL
tPLH
1/fmax
tW
ts(L)
MR
tW
trec
tPHL
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
ts
ts
Figure 3. Setup (ts) and Hold (th) Time for Serial Data
(DSR, DSL) and Parallel Data (P0, P1, P2, P3)
Figure 4. Setup (ts) and Hold (th) Time for S Input



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com