Electronic Components Datasheet Search
  English  ▼

X  

EC6AW Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC6AW
Description  8 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC6AW Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC6AW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC6AW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V15
1
︳
EC6AW SERIES
8 WATT 4:1 INPUT
DC-DC
CONVERTERS
FEATURES
* 8W Isolated Output
* DIP-24/SMD Metal Package
* Efficiency to 86%
* 4:1 Input Range
* Regulated Outputs
* Input Under-Voltage Protection
* Remote On/Off
* Continuous Short Circuit Protection
* Without Tantalum Capacitors Inside
* Safety Meets UL60950-1, EN60950-1
and IEC60950-1
* Meets EN50155 with External Circuits
* Shock & Vibration Meets EN50155 (EN61373)
NOTE: 1. Nominal Input Voltage 24 or 48 VDC
OUTPUT
CURRENT
INPUT
CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
MIN.
MAX.
NO LOAD
FULL LOAD
%
EFF.
CAPACITOR
LOAD MAX.
EC6AW-24S33
9-36 VDC
3.3 VDC
0 mA
2000 mA
10 mA
344 mA
80
2000uF
EC6AW-24S05
9-36 VDC
5 VDC
0 mA
1600 mA
10 mA
406 mA
82
1600uF
EC6AW-24S12
9-36 VDC
12 VDC
0 mA
666 mA
10 mA
392 mA
85
666uF
EC6AW-24S15
9-36 VDC
15 VDC
0 mA
530 mA
10 mA
390 mA
85
530uF
EC6AW-24D05
9-36 VDC
±5 VDC
0 mA
±800mA
10 mA
406 mA
82
800uF
EC6AW-24D12
9-36 VDC
±12 VDC
0 mA
±333mA
10 mA
392 mA
85
333uF
EC6AW-24D15
9-36 VDC
±15 VDC
0 mA
±265mA
10 mA
390 mA
85
265uF
EC6AW-48S33
18-75 VDC
3.3 VDC
0 mA
2000 mA
5 mA
172 mA
80
2000uF
EC6AW-48S05
18-75 VDC
5 VDC
0 mA
1600 mA
5 mA
201 mA
83
1600uF
EC6AW-48S12
18-75 VDC
12 VDC
0 mA
666 mA
5 mA
194 mA
86
666uF
EC6AW-48S15
18-75 VDC
15 VDC
0 mA
530 mA
5 mA
193 mA
86
530uF
EC6AW-48D05
18-75 VDC
±5 VDC
0 mA
±800mA
5 mA
201 mA
83
800uF
EC6AW-48D12
18-75 VDC
±12 VDC
0 mA
±333mA
5 mA
194 mA
86
333uF
EC6AW-48D15
18-75 VDC
±15 VDC
0 mA
±265mA
5 mA
193 mA
86
265uF


Similar Part No. - EC6AW

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
EC6AW-110 CINCON-EC6AW-110 Datasheet
1Mb / 9P
EC6AW-110 SERIES
EC6AW-110D05 CINCON-EC6AW-110D05 Datasheet
226Kb / 2P
10 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW-110D05 CINCON-EC6AW-110D05 Datasheet
1Mb / 9P
EC6AW-110 SERIES
EC6AW-110D12 CINCON-EC6AW-110D12 Datasheet
226Kb / 2P
10 WATT 4:1 INPUT DC-DC CONVERTERS
EC6AW-110D12 CINCON-EC6AW-110D12 Datasheet
1Mb / 9P
EC6AW-110 SERIES
More results

Similar Description - EC6AW

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC2W-5S2405 TRUMPOWER-TC2W-5S2405 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 5 Watt
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 8 Watt
TC4W-7S243.3 TRUMPOWER-TC4W-7S243.3 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 10 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
EC7BW-24S33 CINCON-EC7BW-24S33 Datasheet
191Kb / 2P
20 WATT 4:1 INPUT DC-DC CONVERTERS
EC9BW CINCON-EC9BW Datasheet
185Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
40 WATT 4:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com