Electronic Components Datasheet Search
  English  ▼

X  

EC6AW Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC6AW
Description  8 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC6AW Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC6AW Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC6AW Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V15
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25
Unless Otherwise Noted
℃
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………..............……. 24V .................... 9 – 36V
Efficiency ...........................................………..………............ See Table
48V …….…….... 18 – 75V
Isolation Voltage .................................……..………......... 1500 VDC min.
Input Surge Voltage (100ms max.)
………..….… 24V ……......... 50Vdc max.
Isolation Resistance .....................…….………………… 10
9 ohms min.
48V ............ 100Vdc max.
Isolation Capacitance …………………..…………………..… 1000pF typ.
Under voltage lockout ………….….. 24Vin power up ….….....……. 8.8V typ.
Switching Frequency ............................……...................... 100KHz min.
24Vin power down ……...……. 8.0V typ.
Operating Ambient Temperature Range ...…..…...…….... -40
to +85
℃
℃
48Vin power up …….……...….. 17V typ.
Derating, Above 71
……………..…. Linearly to Zero Power at +100
℃
℃
48Vin power down ……………. 16V typ.
Case Temperature (note 5) ………………………………………….. 100℃
Input Filter ………………………………..……….……………. PI Type
Cooling ………………………………………………… Natural Convection
Positive Logic Remote on/off Control (note3):
Storage Temperature Range ...…............……....…....... -55
to +125
℃
℃
Logic Compatibility …….… CMOS or Open Collector TTL, ref. to -Vin
Humidity .................................................. 95% RH max. Non condensing
Module On …………………………. >+3.5V to 36VDC or Open Circuit
MTBF ... MIL-HDBK-217F, GB, 25℃, Full Load .. Single ….… 1500Khrs typ.
Module Off ……………..…………………….……………. 0 to <1.2VDC
Dual ........ 1300Khrs typ.
OUTPUT SPECIFICATIONS:
EMC ………………… Meets EN50155(EN50121-3-2) with external filter
Voltage Accuracy ………………....……………………..…………… ±1.5% max.
Shock/Vibration ……………….……………… Meets EN50155(EN61373)
Voltage Balance(Dual) …….……………………………………...… ±1.0% max.
Dimensions … DIP ….….… 1.25x0.80x0.40 inches(31.8x20.3x10.2 mm)
Transient Response: 75% - 100% Step Load Change
SMD ……… 1.25x0.80x0.45 inches(31.8x20.3x11.4 mm)
Error Band …… ±5% Vout Nominal, Recovery Time ……….….. < 500us
Case Material ……… Black Coated Copper with Non-Conductive Base
Ripple & Noise, 20MHz BW (with 0.1uF MLCC)
Weight ………………………………………………………………….. 18.4 g
Vo=3.3 & 5V …… 75mV pk-pk max.
NOTE:
Vo=12 & 15V …... 100mV pk-pk max.
1. Measured from high line to low line.
Temperature Coefficient ....................….………...…..……….. ±0.03%/℃ max.
2. Measured from full load to min. load.
Short Circuit Protection ...................…....…………………..……….. Continuous
3. Suffix ”N” to the model number with negative logic remote on/off
Line Regulation(note1) … Single/Dual ……………….…………. ±0.5% max.
Module on ……………………….. ………..….……. 0 to <1.2VDC
Load Regulation(note2) … Single …………….…….....……….….. ±0.5% max.
Module off …...………….…… >+3.5V to 36VDC or open circuit
Dual ………………….......................... ±1.0% max.
4. Suffix ”S” to the model number with SMD package.
Cross Regulation (Dual output) Load Cross Variation 25%/100% ……. ±5% max.
5. Maximum case temperature under any operating condition should
Over Voltage Protection ………………………….……… Zener or TVS Clamp
not be exceeded 100
.
℃
Start up time ………………………………………….……………….... 3.5ms typ.
CASE A Dimensions:
BOTTOM
VIEW
SEE NOTE
* NP-NO PIN
* NC-NO CONNECTION WITH PIN
NOTE:Pin Size is 0.02±0.002 Inch (0.5±0.05 mm)DIA
All Dimensions In Inches (mm)
Tolerances
Inches: X.XX= ±0.02 , X.XXX= ±0.010
Millimeters: X.X= ±0.5 , X.XX=±0.25
SMD Packages
TOP
VIEW
PIN CONNECTION
NC
-V Input
+V Output
-V Output
+V Input
Pin
Single Output
DIP
SMD
1
2,3
10
11
12
14
9
22,23
16
4,5
20,21,24
Remote
NP
NC
NP
NC
NP
NC
NP
NC
NP
NC
-V Output
Common
-V Input
+V Output
Common
+V Input
Dual Output
DIP
SMD
NP
NC
NP
NC
NP
NC
NP
-V Output
NP
NC
15
NP
+V Output
NP
NC
13
DIP Packages
on/off
Remote
on/off
Remote
on/off
Remote
on/off
NP
NC
Typical Derating curve for Natural Convection
100
71
-40
0%
20%
40%
60%
80%
100%
120%
-40
-15
10
35
60
85
Ambient Temperature(
o C)
Natural Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com