Electronic Components Datasheet Search
  English  ▼

X  

C0BS Datasheet(PDF) 2 Page - Fox Electronics

Part # C0BS
Description  1.6 x 1.2mm Ceramic SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C0BS Datasheet(HTML) 2 Page - Fox Electronics

  C0BS Datasheet HTML 1Page - Fox Electronics C0BS Datasheet HTML 2Page - Fox Electronics C0BS Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1.6 x 1.2mm Ceramic SMD Crystal
C0BS
(former FX1612B)
DATASHEET
7/23/2020 - Added thickness info to termination metals, adjusted MSL info to
include J-ST D-033 and N/A.
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: C0BS SERIES STANDARD SPECIFICATIONS
Drawing Number: C0BS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 07/23/2020
Page 2 of 3
Maximum Soldering Temp / Time
260°C/10 Seconds x 2
Moisture Sensitivity Level (MSL) per
J-STD-033
N/A
Termination Finish
Au (0.3~1µm) over Ni (1.27~8.89µm)
Seal Method
Seam
Lead (Pb) Free
Yes
ROHS Compliant
Yes, no exemptions
REACH Compliant (latest version)
Yes
Note: Dimensional drawing is for reference to critical specifications
defined by size measurements.
Certain non-critical visual attributes, such as side castellations,
reference pin shape, reference pin location, etc. may vary.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com