Electronic Components Datasheet Search
  English  ▼

X  

C0BS Datasheet(PDF) 1 Page - Fox Electronics

Part # C0BS
Description  1.6 x 1.2mm Ceramic SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C0BS Datasheet(HTML) 1 Page - Fox Electronics

  C0BS Datasheet HTML 1Page - Fox Electronics C0BS Datasheet HTML 2Page - Fox Electronics C0BS Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.6 x 1.2mm Ceramic SMD Crystal
C0BS
(former FX1612B)
DATASHEET
7/23/2020 - Added thickness info to termination metals, adjusted MSL info to
include J-ST D-033 and N/A.
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: C0BS SERIES STANDARD SPECIFICATIONS
Drawing Number: C0BS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 07/23/2020
Page 1 of 3
• Tolerances down to ±10 PPM
• Stabilities down to ±10 PPM
•
Temperature Ranges as wide as -55ºC to +125ºC
• SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
23.900 ~ 80.000 MHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability, ref @ 25ºC
(See options below)
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
(See options below)
-40ºC ~ +85ºC
Shunt Capacitance (C0)
3 pF
Load Capacitance (CL)
(See options on page 2)
Drive Level
100 µW
Aging per year
±3 PPM
Frequency Range
(MHz)
Operating Mode
Max
ESR
Ω
23.900 ~ 29.999999 MHz
Fundamental
150
30.000 ~ 80.000 MHz
Fundamental
100
•Available Operating Temperatures and Stabilities
Operating
Temperature
±10PPM
±15PPM
±20PPM
±25PPM
±30PPM
±50PPM
±100PPM
0 ~ 70ºC
O
O
O
O
O
O
N/A
-10 ~+60ºC
O
O
O
O
O
O
N/A
-10 ~+70ºC
O
O
O
O
O
O
N/A
-20 ~+70ºC
O
O
O
O
O
O
N/A
-30 ~+85ºC
X
O
O
O
O
O
N/A
-40 ~+85ºC
X
O
O
O
O
O
N/A
-40 ~+105ºC
X
X
X
X
X
O
O
-40 ~+125ºC
X
X
X
X
X
O
O
-55 ~+125ºC
X
X
X
X
X
O
O
Key: O=Available, X=Not Available, N/A = Not Applicable


Similar Part No. - C0BS

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
C0B70 NORGREN-C0B70 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
C0B71 NORGREN-C0B71 Datasheet
1Mb / 27P
PUSH-IN fittings, metric
logo
Semikron International
C0BQ-0N6-10 SEMIKRON-C0BQ-0N6-10 Datasheet
195Kb / 8P
CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C0BQ-0N6-10 SUPERWORLD-C0BQ-0N6-10 Datasheet
213Kb / 8P
CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
CERAMIC CHIP INDUCTORS
More results

Similar Description - C0BS

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
TWC912 ACT-TWC912 Datasheet
225Kb / 2P
2.0 x 1.2mm Watch crystal
1/02/2017
1016-SMX-4 ACT-1016-SMX-4 Datasheet
230Kb / 2P
1.6 x 1.2mm Crystal unit
1/02/2017
1612H-SMX-4 ACT-1612H-SMX-4 Datasheet
179Kb / 1P
1.6 x 1.2mm Crystal unit
1/2/2017
logo
TAITIEN ELECTRONICS CO....
XO-0093-OZ-TYPE-1 TAITIEN-XO-0093-OZ-TYPE-1 Datasheet
409Kb / 1P
2.0 x 1.6 mm SMD Crystal Oscillator
AT-0023-XZ TAITIEN-AT-0023-XZ Datasheet
255Kb / 1P
2.0 x 1.6 mm SMD Crystal
logo
Transko Electronics, In...
CS16 TRANSKO-CS16 Datasheet
177Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (1.6 x 1.2 x 0.4mm)
Rev. 7: 10-10-19
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com