Electronic Components Datasheet Search
  English  ▼

X  

C3BS Datasheet(PDF) 2 Page - Fox Electronics

Part # C3BS
Description  3.2mm x 2.5mm Ceramic SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C3BS Datasheet(HTML) 2 Page - Fox Electronics

  C3BS Datasheet HTML 1Page - Fox Electronics C3BS Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3.2mm x 2.5mm Ceramic SMD Crystal
C3BS
(former FX325BS)
DATASHEET
© Copyright 2019 Fox Electronics, All rights reserved
Title / Description: C3BS SERIES STANDARD SPECIFICATIONS
Drawing Number: 101138
Size: A
Part Number:
Cage: 61429
Draftsperson: MAJ
Approved: BEC
Revision Date: 06/4/2019
Page 2 of 2
• TAPE SPECIFICATIONS (mm)
• REEL SPECIFICATIONS (mm)
A
B
C
D
E
F
Reel QTY
G
H
I
J
K
L
M
Ø1.55
4.0
4.0
3.5
8.0
1.3
-T3 = 3,000 default
-T2 = 2,000
-T1 = 1,000
2.0
Ø13 Ø21 Ø80 Ø180 9.0 2.0
1.75
Available Options & Part Identification for Crystal Model C3BS1
F C3BS B B G M 25.0
F
C3BS
B
B
G
M
25.0
FOX
Model Number
Tolerance
Stability
Load
Capacitance2
Operating
Temperature
Frequency
(MHz)
B = ±50 PPM
C = ±30 PPM
D = ±25 PPM
E = ±20 PPM
F = ±15 PPM
H = ±10 PPM
A = ±100 PPM
B = ±50 PPM
C = ±30 PPM
D = ±25 PPM
E = ±20 PPM
F = ±15 PPM
H = ±10 PPM
L = ±5 PPM
V = 7 pF
D = 8 pF
W = 9 pF
E = 10 pF
G = 12 pF
J = 15 pF
K = 16 pF
L = 18 pF
M = 20 pF
C = 0 to +70ºC
D = -10 to +60ºC
E = -10 to +70ºC
F = -20 to +70ºC
K = -30 to +85ºC
M = -40 to +85°C
P = -40 to +105ºC
I = -40 to +125ºC
T = -55 to +125ºC
1Not all frequency, tolerance, stability, load, and operating temperature combinations may be available.
2Listed load capacitances represent the most commonly used. Other load capacitances are available. Contact Fox Technical Support for assistance.
Corporate
Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
http://www.FOXONLINE.com
Sales
1-888-GET-2-FOX (1-888-438-2369) or
1-239-693-0099
http://www.FOXONLINE.com/repdisty
Tech Support
http://www.FOXONLINE.com/email
PRODUCT USE: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox Electronics' sole discretion.
All information in this document, including descriptions of product features and performance, is subject to change without notice. Performance specifications and the
operating parameters of the described products are determined in the independent state and are not guaranteed to perform the same way when installed in customer
products. The information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the
suitability of Fox Electronics' products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of
others. This document is presented only as a guide and does not convey any license under intellectual property rights of Fox Electronics or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the
failure or malfunction of a Fox Electronics product can be reasonably expected to significantly affect the health or safety of users. Anyone using a Fox Electronics
product in such a manner does so at their own risk, absent an express, written agreement by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change without notice. Other trademarks and
service marks used herein, including protected names, logos and designs, are the property of Fox Electronics or their respective third-party owners.
For datasheet type definitions and a glossary of common terms, visit http://www.foxonline.com/tgcrystals.html.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com