Electronic Components Datasheet Search
  English  ▼

X  

C3BS Datasheet(PDF) 1 Page - Fox Electronics

Part # C3BS
Description  3.2mm x 2.5mm Ceramic SMD Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

C3BS Datasheet(HTML) 1 Page - Fox Electronics

  C3BS Datasheet HTML 1Page - Fox Electronics C3BS Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2mm x 2.5mm Ceramic SMD Crystal
C3BS
(former FX325BS)
DATASHEET
© Copyright 2019 Fox Electronics, All rights reserved
Title / Description: C3BS SERIES STANDARD SPECIFICATIONS
Drawing Number: 101138
Size: A
Part Number:
Cage: 61429
Draftsperson: MAJ
Approved: BEC
Revision Date: 06/4/2019
Page 1 of 2
• C3BS STANDARD SPECIFICATIONS
PARAMETERS
MAX(unless otherwise noted)
Frequency Range
8.000 ~ 200.000 MHz
Frequency Tolerance @ 25ºC
(See options on page 2)
Frequency Stability, ref @ 25ºC
(See options below)
Temperature Range
Operating
Storage
(TOPR)
(TSTG)
(See options below)
-55ºC ~ +125ºC
Shunt Capacitance
(Co)
3.0 pF
Load Capacitance
(CL)
(See options on page 2)
Drive Level
0.1 mW
Aging per year
±5 PPM
Maximum Soldering Temp / Time
260ºC / 10 Seconds
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Seal Method
Seam
Lead (Pb) Free
Yes
RoHS Compliant
Yes
Note: Dimensional drawing is for reference to critical specifications
defined by size measurements. Certain non-critical visual attributes,
such as side castellations, etc. may vary.
 Available Operating Temperatures and Stabilities*
Operating Temperature
±5 PPM
±10 PPM
±15 PPM
±20 PPM
±25 PPM
±30 PPM
±50 PPM
±100 PPM
0 ~ +70ºC
X
O
O
O
O
O
O
N/A
-10 ~ +60ºC
O
O
O
O
O
O
O
N/A
-10 ~ +70ºC
X
O
O
O
O
O
O
N/A
-20 ~ +70ºC
X
O
O
O
O
O
O
N/A
-30 ~ +85ºC
X
X
OO
O
O
O
N/A
-40 ~ +85ºC
X
X
O
O
O
O
O
N/A
-40 ~ +105ºC
X
X
XX
X
X
O
O
-40 ~ +125ºC
X
X
XX
X
X
O
O
-55 ~ +125ºC
X
X
XX
X
X
O
O
Key: O=Available, X=Not Available, N/A=Not applicable *Does not imply a stocked part.
Frequency Range
(MHz)
Operating
Mode
Max ESR
8.000 ~ 9.999999
Fundamental
500
10.000 ~ 11.999999
Fundamental
150
12.000 ~ 15.999999
Fundamental
80
16.000 ~ 19.999999
Fundamental
60
20.000 ~ 24.999999
Fundamental
50
25.000 ~ 53.999999
Fundamental
40
54.000 ~ 200.000
Fundamental
30
60.000 ~ 99.999999
3rd OT
150
100.000 ~ 124.999999
3rd OT
100
125.000 ~ 150.000
3rd OT
80
Pin Connections
1 - Crystal
2 – Lid/Gnd
3 – Crystal
4 – Lid/Gnd


Similar Part No. - C3BS

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
C3B TOKO-C3B Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B-A0105 TOKO-C3B-A0105 Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B-A0107 TOKO-C3B-A0107 Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B-A0115 TOKO-C3B-A0115 Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
C3B-A0116 TOKO-C3B-A0116 Datasheet
91Kb / 1P
Fixed Inductors for Digital Audio Amplifier
More results

Similar Description - C3BS

ManufacturerPart #DatasheetDescription
logo
MMD Components
TXXBA1 MMD-TXXBA1 Datasheet
77Kb / 1P
3.2mm X 2.5mm SMD
logo
TAITIEN ELECTRONICS CO....
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
XO-0116-OW-M-CMOS TAITIEN-XO-0116-OW-M-CMOS Datasheet
1Mb / 1P
5.0 X 3.2mm SMD CMOS Crystal Oscilator
logo
Fox Electronics
C3BQ FOX-C3BQ Datasheet
212Kb / 2P
3.2mm x 2.5mm SMD Crystal
C3VA FOX-C3VA Datasheet
321Kb / 2P
3.2mm x 2.5mm Vibration Resistant Crystal-Automotive
C3VR FOX-C3VR Datasheet
1,017Kb / 2P
3.2mm x 2.5mm Vibration Resistant Crystal
C4BS FOX-C4BS Datasheet
218Kb / 3P
4.0mm x 2.5mm Ceramic SMD Crystal
C5AQ FOX-C5AQ Datasheet
208Kb / 2P
5.0mm x 3.2mm SMD Crystal
C5BQ FOX-C5BQ Datasheet
208Kb / 2P
5.0mm x 3.2mm SMD Crystal C5BQ
C5BS FOX-C5BS Datasheet
191Kb / 3P
5.0mm x 3.2mm Ceramic SMD Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com