Electronic Components Datasheet Search
  English  ▼

X  

DRV8300DPW Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8300DPW
Description  DRV8300: Three-Phase BLDC Gate Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8300DPW Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8300DPW Datasheet HTML 17Page - Texas Instruments DRV8300DPW Datasheet HTML 18Page - Texas Instruments DRV8300DPW Datasheet HTML 19Page - Texas Instruments DRV8300DPW Datasheet HTML 20Page - Texas Instruments DRV8300DPW Datasheet HTML 21Page - Texas Instruments DRV8300DPW Datasheet HTML 22Page - Texas Instruments DRV8300DPW Datasheet HTML 23Page - Texas Instruments DRV8300DPW Datasheet HTML 24Page - Texas Instruments DRV8300DPW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
11 Layout
11.1 Layout Guidelines
• Low ESR/ESL capacitors must be connected close to the device between GVDD and VSS pins and between
BSTx and SHx pins to support high peak currents drawn from GVDD and BSTx pins during the turn-on of the
external MOSFETs.
• To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor and a
good quality ceramic capacitor must be connected between the high side MOSFET drain and ground.
• In order to avoid large negative transients on the switch node (SHx) pin, the parasitic inductances between
the source of the high-side MOSFET and the source of the low-side MOSFET must be minimized.
• In order to avoid unexpected transients, the parasitic inductance of the GHx, SHx, and GLx connections must
be minimized. Minimize the length and number of vias wherever possible. Minimum10 mil trace is
recommended.
• Traces for GHx and SHx must be routed in parallel
• Resistance between DT and GND must be place close to device
11.2 Layout Example
GVDD Cap close
to device
DT resistance
close to device
BSTx and SHx
cap close to
device
www.ti.com
DRV8300
SLVSFG5 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com