Electronic Components Datasheet Search
  English  ▼

X  

K124 Datasheet(PDF) 1 Page - Fox Electronics

Part # K124
Description  1.2 x 1.0 x 0.35mm Tuning Fork ??4 pad
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

K124 Datasheet(HTML) 1 Page - Fox Electronics

  K124 Datasheet HTML 1Page - Fox Electronics K124 Datasheet HTML 2Page - Fox Electronics K124 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.2 x 1.0 x 0.35mm Tuning Fork
– 4 pad
K124
DATASHEET
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: K124 STANDARD SPECIFICATIONS
Drawing Number: K124-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 06/03/2020
STANDARD SPECIFICATIONS
PARAMETERS
MAX (unless otherwise noted)
Frequency
32.768 kHz
Frequency Tolerance @ 25ºC
±20 PPM
Frequency Stability
(Temperature Coefficient)
-0.04
PPM / (ƼC)2
Temperature Range
Turnover
(TO)
Operating
(TOPR)
Storage
(TSTG)
Storage
(TSTG
)
+20ºC ~ +30ºC
-40ºC ~ +85ºC; -40 to 105ºC
-55ºC ~ +125ºC
Equivalent Series Resistance (RS)
9
0 kΩ
Load Capacitance (CL)
(See options on page 2)
Insulation Resistance @ 100VDC
500MΩ Min
Drive Level
1.0µW
0.1µW Typ
Aging per year @ 25°C (first year)
±3 PPM
Maximum Soldering Temp / Time
260ºC / 10 Seconds
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Seal Method
Metal Diffusion
Lead (Pb) Free
Yes
RoHS/Reach Compliant
Yes
Page 1 of 3
Note: Dimensional drawing is for reference to critical specifications defined by
size measurements. Certain non-critical visual attributes, such as side castellations, etc.
may vary.
-450
-400
-350
-300
-250
-200
-150
-100
-50
0
PPM
°C
Parabolic Coefficient


Similar Part No. - K124

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K1240-PROPLUS ETC2-K1240-PROPLUS Datasheet
5Mb / 64P
T O TA L L A M P S O LU T I O N S
logo
Carl Kammerling Interna...
K12440BLAA1 CARL-K12440BLAA1 Datasheet
152Kb / 4P
Brass padlocks with different coloured plastic coatings
16/01/2008
K12440BLAD CARL-K12440BLAD Datasheet
152Kb / 4P
Brass padlocks with different coloured plastic coatings
16/01/2008
K12440BLUA1 CARL-K12440BLUA1 Datasheet
152Kb / 4P
Brass padlocks with different coloured plastic coatings
16/01/2008
K12440BLUD CARL-K12440BLUD Datasheet
152Kb / 4P
Brass padlocks with different coloured plastic coatings
16/01/2008
More results

Similar Description - K124

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FX122 FOX-FX122 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
logo
Jauch Quartz Gmbh
JTX210 JAUCH-JTX210 Datasheet
257Kb / 2P
4 Pad Version 1.6 x 1.2 mm
JXS11 JAUCH-JXS11 Datasheet
158Kb / 2P
4 Pad Version 1.6 x 1.2 mm
logo
Fox Electronics
FX122-327 FOX-FX122-327 Datasheet
137Kb / 2P
SMD 2.0 x 1.2 Tuning Fork
K255 FOX-K255 Datasheet
220Kb / 2P
4.9 x 1.8mm SMD Tuning Fork
K122 FOX-K122 Datasheet
403Kb / 3P
2 x 1.2mm SMD Tuning Fork
K121 FOX-K121 Datasheet
388Kb / 3P
1.2 x 1.0 x 0.5mm Tuning Fork ??2 pad
logo
Transko Electronics, In...
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com