Electronic Components Datasheet Search
  English  ▼

X  

O3SL Datasheet(PDF) 2 Page - Fox Electronics

Part # O3SL
Description  3.2x2.5mm HCSL SMD Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O3SL Datasheet(HTML) 2 Page - Fox Electronics

  O3SL Datasheet HTML 1Page - Fox Electronics O3SL Datasheet HTML 2Page - Fox Electronics O3SL Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3.2x2.5mm HCSL SMD Oscillator
O3SL
(former F300SL Series)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: O3SL SERIES STANDARD SPECIFICATIONS
Drawing Number: O3SL-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson:
BEC
Approved: MAJ
Revision Date: 10/23/2019
Page 2 of 3
Maximum Soldering Temp / Time
260°C / 10 Seconds x 2
Moisture Sensitivity Level (MSL)
1
Termination Finish
Au over Ni
Seal Method
Seam
Lead (Pb) Free
Yes
ROHS/REACH Compliant
Yes
Notes:
*A 0.01μF capacitor should be placed between VDD (Pin 6) and GND (Pin3) to minimize
power supply line noise.
*Dimensional drawing is for reference to critical specifications defined by size measurements. *Certain non-critical visual attributes, such as side castellations,
reference pin shape, etc. may vary



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com