Electronic Components Datasheet Search
  English  ▼

X  

O3SL Datasheet(PDF) 1 Page - Fox Electronics

Part # O3SL
Description  3.2x2.5mm HCSL SMD Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O3SL Datasheet(HTML) 1 Page - Fox Electronics

  O3SL Datasheet HTML 1Page - Fox Electronics O3SL Datasheet HTML 2Page - Fox Electronics O3SL Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3.2x2.5mm HCSL SMD Oscillator
O3SL
(former F300SL Series)
DATASHEET
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: O3SL SERIES STANDARD SPECIFICATIONS
Drawing Number: O3SL-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson:
BEC
Approved: MAJ
Revision Date: 10/23/2019
Page 1 of 3
1 An internal pull-up resistor from pin 1 to pin 6 allows active output if pin 1 is left open
• Available Options by Stability & Operating Temperature
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-20 ~ +70
13.500 ~ 160.000
±100PPM2
-40 ~ +85
13.500 ~ 160.000
±50PPM2
-20 ~ +70
13.500 ~ 160.000
±50PPM2
-40 ~ +85
13.500 ~ 160.000
±25PPM2
-20 ~ +70
13.500 ~ 160.000
±25PPM3
-40 ~ +85
13.500 ~ 160.000
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, shock, vibration, reflow, and one-year aging.
3 Inclusive of 25C tolerance and operating temperature range
Specifications
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
13.5 ~ 160 MHz
Frequency Stability
(See options below)
Temperature Range
Operating (TOPR)
Storage
(TSTG)
(See options below)
-55 ~ +125°C
Supply Voltage
(VDD)
3.3V±5%
Input Current
(IDD)
40 mA
Standby Current
10 µA
Output Symmetry (50% VOPP)
45% ~ 55%
Rise/Fall Time (20%/80% VPP Levels) (TR/TF)
13.500 ~ 100.000 MHz
100.000+ ~ 160.000 MHz
1.0 nS
0.7 nS
Output Swing
(VOPP)
0.65V Min
Output Voltage
(VOL)
(VOH)
-0.15 ~ 0.15V
0.55 ~ 0.85V
Output Load
50 Ohms to GND
Start-up Time
(TS)
10 mS
Output Disable Time1
200 nS
Output Enable Time1
10 mS
Aging (per year @ 25C)
±3 PPM
Phase Jitter (12kHz~20MHz)
1 pS
ENABLE / DISABLE FUNCTION 1
Pin1
Out 1 (pin 4), Out 2 (pin 5)
OPEN 1
Active
‘1’ Level VIH  70%VDD
Active
‘0’ Level VIL  30%VDD
High Z


Similar Description - O3SL

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F330A FOX-F330A Datasheet
235Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
HCMOS 3.2x2.5mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
O3LS FOX-O3LS Datasheet
211Kb / 3P
3.2x2.5mm SMD LVDS Oscillator
logo
Suzhou HangJing Electro...
CO32C6 HANGJING-CO32C6 Datasheet
303Kb / 1P
OSCILLATOR UNIT WITH HCSL OUTPUT IN SMD 3.2X2.5MM CERAMIC SEAM SEAL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com