Electronic Components Datasheet Search
  English  ▼

X  

O5HS Datasheet(PDF) 3 Page - Fox Electronics

Part # O5HS
Description  HCMOS 5.0x3.2mm SMD Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O5HS Datasheet(HTML) 3 Page - Fox Electronics

  O5HS Datasheet HTML 1Page - Fox Electronics O5HS Datasheet HTML 2Page - Fox Electronics O5HS Datasheet HTML 3Page - Fox Electronics O5HS Datasheet HTML 4Page - Fox Electronics O5HS Datasheet HTML 5Page - Fox Electronics O5HS Datasheet HTML 6Page - Fox Electronics O5HS Datasheet HTML 7Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HCMOS 5.0x3.2mm SMD Oscillator
O5HS DATASHEET
(Former F510L, F540L, F530L, F550L Series)
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O5HS SERIES STANDARD SPECIFICATIONS
Drawing Number: O5HS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson:
BEC
Approved: MAJ
Revision Date: 7/21/2020
Page 3 of 7
3.3V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
1 ~ 170MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
3.3V±10%
Input Current
(IDD)
1.000 ~ 32.000MHz
>32.000 ~ 50.000MHz
>50.000 ~ 67.000MHz
>67.000 ~ 170.000MHz
15 mA
20 mA
25 mA
40 mA
Standby Current
10 µA
Output Symmetry (50% VDD)
1.000 ~ 50.000MHz
>50.000 ~ 170.000MHz
45% ~ 55%
40% ~ 60%
Rise/Fall Time (10%/90% VDD Levels) (TR/TF)
1.000 ~ 80.000MHz
>80.000 ~ 125.000MHz
>125.000 ~ 170.000MHz
6 nS
4 nS
3 nS
Output Voltage
(VOL)
(VOH)
10% VDD
90% VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time
(TS)
10 mS
Output Disable Time 1
150 nS
Output Enable Time 1
10 mS
• Available Options by Stability & Operating Temp for 3.3V
Frequency
Stability
2
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-10 ~ +70
1.000 ~ 170.000
±100PPM2
-20 ~ +70
1.000 ~ 170.000
±100PPM2
-40 ~ +85
1.000 ~ 170.000
±50PPM2
-10 ~ +70
1.000 ~ 170.000
±50PPM2
-20 ~ +70
1.000 ~ 170.000
±50PPM2
-40 ~ +85
1.000 ~ 170.000
±25PPM2
-10 ~ +70
1.000 ~ 170.000
±25PPM2
-20 ~ +70
1.000 ~ 170.000
±25PPM3
-40 ~ +85
1.000 ~ 170.000
±20PPM3
-10 ~ +70
1.000 ~ 170.000
±20PPM3
-20 ~ +70
1.000 ~ 170.000
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, one-year aging, shock, and vibration.
3 Inclusive of 25°C tolerance, operating temperature range.
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com