Electronic Components Datasheet Search
  English  ▼

X  

O5HS Datasheet(PDF) 1 Page - Fox Electronics

Part # O5HS
Description  HCMOS 5.0x3.2mm SMD Oscillator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O5HS Datasheet(HTML) 1 Page - Fox Electronics

  O5HS Datasheet HTML 1Page - Fox Electronics O5HS Datasheet HTML 2Page - Fox Electronics O5HS Datasheet HTML 3Page - Fox Electronics O5HS Datasheet HTML 4Page - Fox Electronics O5HS Datasheet HTML 5Page - Fox Electronics O5HS Datasheet HTML 6Page - Fox Electronics O5HS Datasheet HTML 7Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HCMOS 5.0x3.2mm SMD Oscillator
O5HS DATASHEET
(Former F510L, F540L, F530L, F550L Series)
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O5HS SERIES STANDARD SPECIFICATIONS
Drawing Number: O5HS-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson:
BEC
Approved: MAJ
Revision Date: 7/21/2020
Page 1 of 7
• HCMOS Output
• Stabilities to ±20 PPM
• Temperature Ranges to -40ºC to +85ºC
• Supply Voltages: 1.8V; 2.5V; 3.3V; 1.7~3.63V; 5.0V
1.8V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (FO)
1 ~ 160MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
1.8V±5%
Input Current
(IDD)
1.000 ~ 32.000MHz
>32.000 ~ 70.000MHz
>70.000 ~ 120.000MHz
>120.000 ~ 160.000MHz
5 mA
10 mA
15 mA
30 mA
Standby Current
10 µA
Output Symmetry (50% VDD)
40% ~ 60%
Rise/Fall Time (20%/80% VDD Levels) (TR/TF)
1.000 ~ 32.000MHz
>32.000 ~ 120.000MHz
>120.000 ~ 160.000MHz
5 nS
3.5 nS
3 nS
Output Voltage
(VOL)
(VOH)
20% VDD
80% VDD Min
Output Load
(HCMOS)
15 pF
Start-up Time
(TS)
10 mS
Output Disable Time 1
300 nS
Output Enable Time 1
10 mS
• Available Options by Stability & Operating Temp for 1.8V
Frequency
Stability
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM2
-10 ~ +70
1.000 ~ 160.000
±100PPM2
-20 ~ +70
1.000 ~ 160.000
±100PPM2
-40 ~ +85
1.000 ~ 160.000
±50PPM2
-10 ~ +70
1.000 ~ 160.000
±50PPM2
-20 ~ +70
1.000 ~ 160.000
±50PPM2
-40 ~ +85
1.000 ~ 160.000
±25PPM2
-10 ~ +70
1.000 ~ 160.000
±25PPM2
-20 ~ +70
1.000 ~ 160.000
±25PPM3
-40 ~ +85
1.000 ~ 160.000
±20PPM3
-10 ~ +70
1.000 ~ 160.000
±20PPM3
-20 ~ +70
1.000 ~ 160.000
1 An internal pull-up resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
2 Inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, reflow, one-year aging, shock, and vibration.
3 Inclusive of 25°C tolerance, operating temperature range.
ENABLE / DISABLE FUNCTION
Pin1
Output (pin 3)
OPEN 1
Active
‘1’ Level VIH
 70%VDD
Active
‘0’ Level VIL
 30%VDD
High Z


Similar Part No. - O5HS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O5HA FOX-O5HA Datasheet
283Kb / 5P
HCMOS 5x3.2mm SMD Oscillator
O5HL FOX-O5HL Datasheet
243Kb / 3P
HCMOS 5x3.2mm SMD Oscillator
More results

Similar Description - O5HS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F3345 FOX-F3345 Datasheet
204Kb / 2P
5.0V, HCMOS, SMD Oscillator
F4105-400 FOX-F4105-400 Datasheet
441Kb / 2P
3.3V, HCMOS , SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
O1HS FOX-O1HS Datasheet
306Kb / 6P
HCMOS 2.0x1.6mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
O5LS FOX-O5LS Datasheet
265Kb / 4P
5.0x3.2mm SMD LVDS Oscillator
O7HB FOX-O7HB Datasheet
240Kb / 3P
HCMOS 7x5mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
HCMOS 7x5mm SMD Oscillator
T5HN FOX-T5HN Datasheet
188Kb / 2P
5.0x3.2mm HCMOS TCXO/VCTCXO
T5HD FOX-T5HD Datasheet
162Kb / 2P
5.0x3.2mm HCMOS TCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com