Electronic Components Datasheet Search
  English  ▼

X  

3043828 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3043828
Description  Plug - SP 2,5/17 NZ:1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3043828 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3043828 Datasheet HTML 1Page - PHOENIX CONTACT 3043828 Datasheet HTML 2Page - PHOENIX CONTACT 3043828 Datasheet HTML 3Page - PHOENIX CONTACT 3043828 Datasheet HTML 4Page - PHOENIX CONTACT 3043828 Datasheet HTML 5Page - PHOENIX CONTACT 3043828 Datasheet HTML 6Page - PHOENIX CONTACT 3043828 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/products/3043828
12.11.2013   Page 1 / 7
Plug - SP 2,5/17 NZ:1 - 3043828
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Plug, Connection method: Spring-cage connection, Number of positions: 17, Cross section: 0.08 mm² - 4 mm²,
AWG: 28 - 12, Width: 88.4 mm, Height: 39 mm, Color: gray
The illustration shows a 6-position
version
 
Key commercial data
Packing unit
1 1
Weight per Piece (excluding packing)
50.0 GRM
Custom tariff number
85366990
Country of origin
Poland
Technical data
General
Number of levels
1
Number of connections
1
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Maximum load current
24 A (with 2.5 mm² conductor cross section)
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 61984
Nominal current IN
24 A
Nominal voltage UN
500 V
Open side panel
nein


Similar Part No. - 3043828

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
30438 WIHA-30438 Datasheet
507Kb / 1P
Mechanical Shop Tools
logo
PHOENIX CONTACT
3043831 PHOENIX-3043831 Datasheet
114Kb / 4P
SC 4-NS/ 1-L
3043831 PHOENIX-3043831 Datasheet
109Kb / 4P
SC 4/ 7
3043831 PHOENIX-3043831 Datasheet
109Kb / 4P
SC 4/ 8
3043831 PHOENIX-3043831 Datasheet
109Kb / 4P
SC 4/ 2
More results

Similar Description - 3043828

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3040258 PHOENIX-3040258 Datasheet
202Kb / 12P
Plug - SP 2,5/ 1
3043022 PHOENIX-3043022 Datasheet
229Kb / 13P
Plug - SP 2,5/ 1-L BU
3043043 PHOENIX-3043043 Datasheet
229Kb / 13P
Plug - SP 2,5/ 1-M
3210790 PHOENIX-3210790 Datasheet
126Kb / 5P
Plug - SP-H 2,5/ 1-L BU
3210826 PHOENIX-3210826 Datasheet
195Kb / 13P
Plug - SP-H 2,5/ 1-M BU
3210855 PHOENIX-3210855 Datasheet
169Kb / 13P
Plug - SP-H 2,5/ 1-R BU
1738704 PHOENIX-1738704 Datasheet
111Kb / 2P
MSTB 2,5/17-STF PA NZ
3043051 PHOENIX-3043051 Datasheet
476Kb / 11P
Plug - SP 2,5/ 1-M BU
02/04/2022
3043064 PHOENIX-3043064 Datasheet
476Kb / 11P
Plug - SP 2,5/ 1-M GNYE
02/04/2022
3043080 PHOENIX-3043080 Datasheet
454Kb / 11P
Plug - SP 2,5/ 1-R BU
02/04/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com