Electronic Components Datasheet Search
  English  ▼

X  

3043828 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3043828
Description  Plug - SP 2,5/17 NZ:1
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3043828 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3043828 Datasheet HTML 1Page - PHOENIX CONTACT 3043828 Datasheet HTML 2Page - PHOENIX CONTACT 3043828 Datasheet HTML 3Page - PHOENIX CONTACT 3043828 Datasheet HTML 4Page - PHOENIX CONTACT 3043828 Datasheet HTML 5Page - PHOENIX CONTACT 3043828 Datasheet HTML 6Page - PHOENIX CONTACT 3043828 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/products/3043828
12.11.2013   Page 2 / 7
Plug - SP 2,5/17 NZ:1 - 3043828
Technical data
General
Number of positions
17
Dimensions
Width
88.4 mm
Length
15.8 mm
Height
39 mm
Connection data
Conductor cross section solid min.
0.08 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section AWG/kcmil min.
28
Conductor cross section AWG/kcmil max
12
Conductor cross section stranded min.
0.08 mm²
Conductor cross section stranded max.
2.5 mm²
Min. AWG conductor cross section, stranded
28
Max. AWG conductor cross section, stranded
14
Conductor cross section stranded, with ferrule without plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section stranded, with ferrule with plastic sleeve min.
0.14 mm²
Conductor cross section stranded, with ferrule with plastic sleeve max.
2.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with plastic
sleeve, max.
0.5 mm²
Connection method
Spring-cage connection
Stripping length
10 mm
Internal cylindrical gage
A3
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27141151
eCl@ss 7.0
27141151
eCl@ss 8.0
27141151
ETIM
ETIM 2.0
EC000897



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com