Electronic Components Datasheet Search
  English  ▼

X  

TRE06 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # TRE06
Description  6W SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TRE06 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  TRE06 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TRE06 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V12
1
︳
TRE06 SERIES
6W SWITCHING
ADAPTER
Features
* Miniature Size
* Universal Input: 90~264Vac
* Meets EN55032 Class B and CISPR/FCC Class B
* Continuous Short Circuit Protection
* Meet CoC Tier 2 & DoE Level VI
(Output Cable Length ≦ 1800mm)
* No Load Power Consumption<75mW
* Constant Current (Optional)
* Class Ⅱ
* Optional US&EU AC Plugs
Ordering information
TRE6XXX
-
X
XX
X
XX
Model No.
AC Plug Type
DC Plug Type OVP
DC Cable Length and Type
A: USA 2 Pin
A: Without OVP
01: 720mm
E: Europe 2 Pin
02: 1220mm
03: 1800mm
11: 720mm with Ferrite Core
12: 1220mm with Ferrite Core
13: 1800mm with Ferrite Core
* 22AWG for 5V, UL2468
* 24AWG for 9V 12V 15V, UL2468
MODEL
OUTPUT
VOLTAGE
OUTPUT
CURRENT
RIPPLE &
NOISE
NOTE 1
VOLTAGE
ACCURACY
NOTE 2
LINE
REGULATION
NOTE3
LOAD
REGULATION
NOTE4
%EFF.
NOTE5
TRE06S050
5V
1200mA
100mVp-p
±4%
±1%
±3%
77.79%
TRE06S090
9V
650mA
100mVp-p
±3%
±1%
±2%
81.39%
TRE06S120
12V
500mA
120mVp-p
±3%
±1%
±2%
81.57%
TRE06S150
15V
400mA
120mVp-p
±3%
±1%
±2%
82.61%
Specifications are subject to change without notice.


Similar Part No. - TRE06

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRE10-103 RCD-TRE10-103 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRE10-104 RCD-TRE10-104 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRE10-105 RCD-TRE10-105 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRE10-106 RCD-TRE10-106 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRE10-107 RCD-TRE10-107 Datasheet
44Kb / 1P
RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRE06

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006A-350S-R PHIHONG-PDA006A-350S-R Datasheet
138Kb / 2P
6W Adapter Style Constant Current LED Driver
PSAA06A-120L6 PHIHONG-PSAA06A-120L6 Datasheet
1Mb / 2P
6W Adapter Meets Level VI Requirements
PSAA06A-120L6 PHIHONG-PSAA06A-120L6_18 Datasheet
191Kb / 3P
6W Wall Mount Adapter
logo
Skynet Electronic Copyr...
SNP-A12 SKYNET-SNP-A12 Datasheet
260Kb / 4P
Switching Adapter
SNP-A02 SKYNET-SNP-A02 Datasheet
314Kb / 4P
Switching Adapter
SNP-A04 SKYNET-SNP-A04 Datasheet
276Kb / 4P
Switching Adapter
SNP-A08 SKYNET-SNP-A08 Datasheet
260Kb / 4P
Switching Adapter
SNP-A15 SKYNET-SNP-A15 Datasheet
332Kb / 4P
Switching Adapter
SNP-A20 SKYNET-SNP-A20 Datasheet
503Kb / 4P
Switching Adapter
logo
CINCON ELECTRONICS Corp...
TRG500V CINCON-TRG500V Datasheet
231Kb / 2P
6W SWITCHING ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com