Electronic Components Datasheet Search
  English  ▼

X  

TRE06 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TRE06
Description  6W SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TRE06 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TRE06 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TRE06 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
Specifications
TRE06 Series Derating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…......................................................... 90~264Vac
Frequency …………………………………..……….……………..... 47 to 63Hz
Input Current ………………….………………….……................... 0.25A max.
Inrush Current ………....................... Cold Start @25℃ 90A max. @ 240Vac
Leakage Current ………………………………………..………. 0.25mA max.
OUTPUT SPECIFICATIONS:
Holdup Time ………………….…………………………… 10ms typ. @115Vac
Short Circuit Protection …..…… Hiccup Mode Continuous(Auto Recovery)
Temperature Coefficient …………………….................................. ±0.05%/℃
Natural Convection
0%
20%
40%
60%
80%
100%
-20
-10
0
10
20
30
40
50
60
70
80
Ambient Temperature( ℃ )
TRE06050
TRE06090, TRE06120, TRE06150
GENERAL SPECIFICATIONS:
SAFETY AND EMC:
Isolation ……………………………….……...…… Input to output 3,000VAC
Emission and Immunity ……........ EN55032 Class B, FCC Part 15 Class B
Operating Temperature .................................. -20~80
(see derating cur
℃
ve)
EN61000-6-3, EN61000-3-2, EN61000-3-3
Storage Temperature ………………….…………...….......……........ -20~85℃
EN55024, EN61204-3, EN61000-6-1
Humidity …………………...….......…............. 93% RH max. Non condensing
Safety …………………………………....…… Class II, IEC62368-1/60950-1
Cooling ………………………………….………………….. Natural Convection
UL62368-1/60950-1
Switching Frequency …………………...…………..………….. 30~70KHz typ.
NOTE:
MTBF …….….. MIL-HDBK-217F, GB, 25℃/115VAC ..………900Khrs min.
1. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Altitude ……………………………….…………………………………… 4000m
ripple&noise measuring @20MHz BW.
Dimensions ………….. 2.047x1.417x0.992inches (52.00x36.00x25.21mm)
2. Voltage setpoint at 60% load.
Weight ………………………..……………………………… 55g(0.12 Pounds)
3. Line regulation measured from 100Vac to 240Vac, full load.
4. Load regulation measured from 60% to full load and from 60% to
20% load (60% +/- 40% load).
5. Efficiency with 230 VAC and 75% load 25
.
℃
Mechanical Specification
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com