Electronic Components Datasheet Search
  English  ▼

X  

TRG21 Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # TRG21
Description  20W SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TRG21 Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  TRG21 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TRG21 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V12
1
︳
TRG21 SERIES
20W SWITCHING ADAPTER
Features
* Universal Input Range 90~264VAC
* Efficiency to 85%
* Continuous Short Circuit Protection
* Over Voltage Protection
* No Load Input Power < 0.3W
* Leakage Current < 0.1mA
* UL60601-1/IEC60601-1/EN60601-1 3
rd Medical
safety and IEC60950-1/EN60950-1 ITE approved
* AC Inlet IEC320/C8
* Meets 2MOOP
* Meet CEC and Erp Level V
(Output Cable Length≦1800mm 18AWG)
(TRG21A050: Length≦1200mm 18AWG)
MODEL
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
OUTPUT
RATED
POWER
RIPPLE &
NOISE
VOLTAGE
ACCURACY
LOAD
REG.
%
Eff.
TRG21A050
90~264 VAC
5.0 V
3.0 A
15.0 W
50 mV
±2%
±5%
75%
TRG21A090
90~264 VAC
9.0 V
2.3 A
20.7 W
50 mV
±2%
±4%
80%
TRG21A120
90~264 VAC
12 V
1.8 A
21.6 W
90 mV
±2%
±3%
81%
TRG21A150
90~264 VAC
15 V
1.4 A
21.0 W
100 mV
±2%
±3%
83%
TRG21A180
90~264 VAC
18 V
1.2 A
21.6 W
100 mV
±2%
±2%
84%
TRG21A240
90~264 VAC
24 V
0.9 A
21.6 W
100 mV
±2%
±2%
85%
Specifications are subject to change without notice.


Similar Part No. - TRG21

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
TRG22F2BBAEN ZFSWITCHES-TRG22F2BBAEN Datasheet
269Kb / 2P
Rocker Switch
TRG22F2BBAFN ZFSWITCHES-TRG22F2BBAFN Datasheet
269Kb / 2P
Rocker Switch
TRG22F2BBALN ZFSWITCHES-TRG22F2BBALN Datasheet
269Kb / 2P
Rocker Switch
TRG22F2BBANN ZFSWITCHES-TRG22F2BBANN Datasheet
269Kb / 2P
Rocker Switch
TRG22F2BBBEN ZFSWITCHES-TRG22F2BBBEN Datasheet
269Kb / 2P
Rocker Switch
More results

Similar Description - TRG21

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NFM-20 MEANWELL-NFM-20 Datasheet
253Kb / 2P
20W Output Switching Power Supply
PM-20 MEANWELL-PM-20 Datasheet
371Kb / 2P
20W Output Switching Power Supply
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
20W Single Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_09 Datasheet
254Kb / 2P
20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_10 Datasheet
372Kb / 2P
20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_12 Datasheet
387Kb / 2P
20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_12 Datasheet
269Kb / 2P
20W Output Switching Power Supply
IRM-20 MEANWELL-IRM-20 Datasheet
163Kb / 2P
20W Output Switching Power Supply
logo
Skynet Electronic Copyr...
SNP-A02 SKYNET-SNP-A02 Datasheet
314Kb / 4P
Switching Adapter
logo
CINCON ELECTRONICS Corp...
TRH21A CINCON-TRH21A Datasheet
522Kb / 2P
20W SWITCHING ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com