Electronic Components Datasheet Search
  English  ▼

X  

TRG21 Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # TRG21
Description  20W SWITCHING ADAPTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

TRG21 Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  TRG21 Datasheet HTML 1Page - CINCON ELECTRONICS Corporation TRG21 Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V12
2
Specifications
TRG21 Series De-rating Curve
INPUT SPECIFICATIONS:
Voltage …....………........…........................................... 90~264Vac
Frequency ………………………………………….……………..... 47 to 63Hz
Input Current ……………………………………….……………..... 0.3 to 0.5A
Inrush Current …………….…Cold Start@25℃............. 40A max. @230Vac
Leakage Current …………………………………………………… 0.1mA max.
OUTPUT SPECIFICATIONS:
Voltage Accuracy ..........................................…………............... ±2.0% max.
Line Regulation (note3) ……………….…………...................…. ±1.0% max.
Load Regulation (note4) ………………......……….…….........…...... see table
Hold-up Time …………………………….…………..…… 8ms typ. @115Vac
SAFETY AND EMISSION:
Short Circuit Protection …………….………………………….…… Continuous
CE Directive ……………………………….……… 2004/108/EC, 93/42/EEC
Over Voltage Protection(TVS) …… 115%-140% of nominal output voltage
Emissions … EN60601-1/EN61204-3/EN55022/CISPR Class B, EN55024
GENERAL SPECIFICATIONS:
Safety Approvals …….................. UL60601-1, IEC60601-1, EN60601-1 3
rd
Isolation ………………………………..………… Input to output = 5,656VDC
IEC60950-1,EN60950-1
Efficiency ……………………………………………………………….. see table
NOTE:
Switching Frequency ………………………………….………….. 100KHz typ.
1. Voltage accuracy is set of 60% rated load.
Operating Temperature ............................... -20 ~ 60℃(see derating curve)
2. Add a 0.1uF ceramic capacitor and a 10uF E.L. capacitor to output for
Storage Temperature ……………………………...….......……........ -25~85℃
Ripple & Noise measuring @20MHz BW.
Cooling ………………………………….………………… Natural Convection
3. Line regulation is measured from high line to low line with full load.
Humidity .................................................... 93% RH max. Non condensing
4. Load regulation is measured from 60% to full load and from 60% to
MTBF ……. MIL-STD-217F, GB, at 25℃/115VAC ..……… 400Khrs min.
20% load (60% +/- 40% load).
Dimensions ……….. 3.000x1.780x0.870 inches (76.20x45.20x22.10mm)
Weight …………………………………………………… 140g(0.31Pounds)
Mechanical Specification
Tolerance:Inches:X.XXX±0.02
Millimeters:X.XX±0.5
All Dimensions are in inches(mm)
18AWG / 1220mm
DC Plug :Right Angle(ψ5.5/ψ2.1) L12mm
DC Plug type: V+ ─●)─ V-
0.008[0.20]
IEC320/C8
48.031[1220.00]±1.969[50.00]
3.000[76.20]
Typical at 25˚C, nominal line and 75% load, unless otherwise Specified
0%
20%
40%
60%
80%
100%
-20
-10
0
10
20
30
40
50
60
Ambient Temperature(
oC)
20LFM(Natural Convection)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com