Electronic Components Datasheet Search
  English  ▼

X  

THP210DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # THP210DR
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button THP210DR Datasheet HTML 2Page - Texas Instruments THP210DR Datasheet HTML 3Page - Texas Instruments THP210DR Datasheet HTML 4Page - Texas Instruments THP210DR Datasheet HTML 5Page - Texas Instruments THP210DR Datasheet HTML 6Page - Texas Instruments THP210DR Datasheet HTML 7Page - Texas Instruments THP210DR Datasheet HTML 8Page - Texas Instruments THP210DR Datasheet HTML 9Page - Texas Instruments THP210DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
at TA = 25°C, VS (dual supply) = ±1.5 V to ±18 V, VVOCM = VICM = 0 V, RF = 2 kΩ, RL = 10 kΩ(1) , gain = –1 V/V, VPD = VVS+,
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = ±2.5 V, VVS– + 0.2 V < VO < VVS+ – 0.2 V
115
120
dB
VS = ±2.5 V, VVS– + 0.3 V < VO < VVS+ – 0.3 V,
TA = –40°C to +125°C
110
120
VS = ±15 V, VVS– + 0.6 V < VO < VVS+ – 0.6 V
115
120
VS = ±15 V, VVS– + 0.6 V < VO < VVS+ – 0.6 V,
TA = –40°C to +125°C
110
120
FREQUENCY RESPONSE
SSBW
Small-signal bandwidth
VO = 100 mVPP
7
MHz
GBP
Gain-bandwidth product
VO = 100 mVPP, gain = –10 V/V
9.2
MHz
FBP
Full-power bandwidth
VO = 1 VPP
2.4
MHz
SR
Slew rate
10-V step
15
V/µs
Settling time
To 0.1% of final value, VO = 10-V step
1
µs
To 0.01% of final value, VO= 10-V step
1.2
THD+N
Total harmonic distortion and
noise
Differential input, f = 1 kHz, VO = 10 VPP
–120
dB
THD+N
Total harmonic distortion and
noise
Single-ended input, f = 1 kHz, VO = 10 VPP
–115
THD+N
Total harmonic distortion and
noise
Differential input, f = 10 kHz, VO = 10 VPP
–112
Total harmonic distortion and
noise
Single-ended input, f = 10 kHz, VO = 10 VPP
–107
HD2
Second-order harmonic
distortion
Differential input, f = 1 kHz, VO = 10 VPP
–120
Single-ended input, f = 1 kHz, VO = 10 VPP
–126
HD3
Third-order harmonic distortion
Differential input, f = 1 kHz, VO = 10 VPP
–120
Single-ended input, f = 1 kHz, VO = 10 VPP
–119
Overdrive recovery time
gain = –5 V/V, 2x output overdrive, dc-coupled
3.3
µs
ZO
Open-loop output impedance
f = 100 kHz (differential)
14
Ω
CLOAD
Capacitive load drive
Differential capacitive load, no output isolation
resistors, phase margin = 30°
50
pF
OUTPUT
VOL
Negative output voltage swing
from rail
VS = ±2.5 V
100
mV
VS = ±2.5 V, TA = –40°C to +125°C
100
VS = ±18 V
230
VS = ±18 V, TA = –40°C to +125°C
270
VOH
Positive output voltage swing
from rail
VS = ±2.5 V
100
VS = ±2.5 V, TA = –40°C to +125°C
100
VS = ±18 V
230
VS = ±18 V, TA = –40°C to +125°C
270
ISC
Short-circuit current
±31
mA
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THP210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com