Electronic Components Datasheet Search
  English  ▼

X  

THP210DR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THP210DR
Description  THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THP210DR Datasheet(HTML) 1 Page - Texas Instruments

  THP210DR Datasheet HTML 1Page - Texas Instruments THP210DR Datasheet HTML 2Page - Texas Instruments THP210DR Datasheet HTML 3Page - Texas Instruments THP210DR Datasheet HTML 4Page - Texas Instruments THP210DR Datasheet HTML 5Page - Texas Instruments THP210DR Datasheet HTML 6Page - Texas Instruments THP210DR Datasheet HTML 7Page - Texas Instruments THP210DR Datasheet HTML 8Page - Texas Instruments THP210DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision,
Fully-Differential Amplifier
1 Features
• Input offset voltage: ±40 µV (maximum)
• Input offset voltage drift: 0.35 µV/°C (maximum)
• Low supply current: 950 µA at ±18 V
• Low input bias current: 2 nA (maximum)
• Low input bias current drift: 15 pA/°C (maximum)
• Gain-bandwidth product: 9.2 MHz
• Differential output slew rate: 15 V/µs
• Low input voltage noise: 3.7 nV/√ Hz at 1 kHz
• Low THD + N: –120 dB at 10 kHz
• Wide input and output common-mode range
• Wide single-supply operating range: 3 V to 36 V
• Low supply current power-down feature: < 20 µA
• Overload power limit
• Current limit
• Package: 8-pin VSSOP, 8-pin SOIC
• Temperature range: –40°C to +125°C
2 Applications
• Data acquisition (DAQ)
• Analog input module
• Substation automation
• Semiconductor test
• Lab and field instrumentation
3 Description
The THP210 is an ultra-low-offset, low-noise, high-
voltage, precision, fully differential amplifier that easily
filters and drives fully differential signal chains. The
THP210 is also used to convert single-ended sources
to differential outputs as required by high-resolution
analog-to-digital converters (ADCs). Designed for
exceptional offset, low noise and THD, the bipolar
super-beta inputs yield a very-low noise figure at very-
low quiescent current and input bias current. This
device is designed for signal conditioning circuits
where low power offset and power consumption are
required, along with excellent signal-to-noise ratio
(SNR).
The THP210 features high-voltage supply capability,
allowing for supply voltages up to ±18 V. This
capability allows high-voltage differential signal chains
to benefit from the improved headroom and dynamic
range without adding separate amplifiers for each
polarity of the differential signal. Very-low voltage and
current noise enables the THP210 for use in high-gain
configurations with minimal impact to the signal
fidelity.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
THP210
VSSOP (8)
3.00 mm × 3.00 mm
SOIC (8)
4.9 mm x 3.91 mm
(1)
For all available packages, see the package option
addendum at the end of the datasheet.
AINN
AINP
ADC
+
±
THP210
+V
Precision, Low-Noise, Low-Power, Fully-
Differential Amplifier Gain Block and Interface
VIO (µV)
0
5
10
15
20
25
30
35
40
50
40
30
20
10
0
10
20
30
40
50
D010
Low Input Voltage Offset
www.ti.com
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: THP210
THP210
SBOS932B – FEBRUARY 2020 – REVISED OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - THP210DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THP210DR TI2-THP210DR Datasheet
2Mb / 45P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
REVISED MARCH 2021
THP210DR.B TI2-THP210DR.B Datasheet
2Mb / 45P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
REVISED MARCH 2021
THP210DRG4 TI2-THP210DRG4 Datasheet
2Mb / 45P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
REVISED MARCH 2021
THP210DRG4.B TI2-THP210DRG4.B Datasheet
2Mb / 45P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
REVISED MARCH 2021
More results

Similar Description - THP210DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4513 TI-THS4513 Datasheet
3Mb / 34P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4551 TI1-THS4551 Datasheet
2Mb / 70P
Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
THS4552 TI1-THS4552 Datasheet
2Mb / 71P
Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
THP210 TI1-THP210 Datasheet
617Kb / 20P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
THP210 TI1-THP210_V01 Datasheet
1Mb / 40P
THP210 Ultra-Low Offset, High-Voltage, Low-Noise, Precision, Fully-Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com