Electronic Components Datasheet Search
  English  ▼

X  

K430 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # K430
Description  N-Channel 200 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

K430 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  K430 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel 200 V (D-S) MOSFET
FEATURES
•
TrenchFET® Power MOSFET
•
175 °C Junction Temperature
•
PWM Optimized
•
100 % Rg Tested
•
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Primary Side Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
200
0.
at VGS = 10 V
TO-252
S
GD
N-Channel MOSFET
G
D
S
Notes:
a. Surface mounted on 1" x 1" FR4 board.
b. See SOA curve for voltage derating.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
200
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
b
TC = 25 °C
ID
A
TC = 125 °C
7
Pulsed Drain Current
IDM
12
Continuous Source Current (Diode Conduction)
IS
6
Avalanche Current
IAS
6
Single Pulse Avalanche Energy
L = 0.1 mH
EAS
18
mJ
Maximum Power Dissipation
TC = 25 °C
PD
96b
W
TA = 25 °C
3a
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Junction-to-Ambienta
t
 10 s
RthJA
15
18
°C/W
Steady State
40
50
Junction-to-Case (Drain)
RthJC
0.85
1.1
245
1
0
1
0
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
K430
1


Similar Part No. - K430

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
K430 KNOX-K430 Datasheet
34Kb / 1P
LOW LEVEL ZENER DIODES VERY LOW VOLTAGE, LOW LEAKAGE
logo
Velleman Group nv All r...
K4301 VELLEMAN-K4301 Datasheet
4Mb / 12P
PINK NOISE GENERATOR
rev2
logo
VBsemi Electronics Co.,...
K430S VBSEMI-K430S Datasheet
1,008Kb / 7P
N-Channel 200 V (D-S) MOSFET
K430STL VBSEMI-K430STL Datasheet
1,008Kb / 7P
N-Channel 200 V (D-S) MOSFET
logo
Kentec Electronics (Dis...
K430WQA-V4-F KENTECDISPLAY-K430WQA-V4-F Datasheet
860Kb / 20P
4.3”(diagonal), 480 x RGB x 272 dots, 16.7M colors, Normal white TN, TFT LCD module.
13/Jul/2011
More results

Similar Description - K430

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
N-Channel 200-V (D-S) MOSFET
24-Nov-03
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
N-Channel 200-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
N-Channel 200 V (D-S) MOSFET
04-Jul-16
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
N-Channel 200 V (D-S) MOSFET
23-May-16
logo
Analog Power
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
N-Channel 200-V (D-S) MOSFET
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
2SK2382 VBSEMI-2SK2382 Datasheet
1Mb / 9P
N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com