Electronic Components Datasheet Search
  English  ▼

X  

K430 Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # K430
Description  N-Channel 200 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

K430 Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  K430 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd K430 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
 300 µs, duty cycle  2 %.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.a
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
200
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
24
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 200 V, VGS = 0 V
1
µA
VDS = 200 V, VGS = 0 V, TJ = 125 °C
50
VDS = 200 V, VGS = 0 V, TJ = 175 °C
250
On-State Drain Currentb
ID(on)
VDS =5 V, VGS = 10 V
40
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 3 A
0.
VGS = 10 V, ID = 3 A, TJ = 125 °C
0.
290
VGS = 10 V, ID = 3 A, TJ = 175 °C
0.
320
VGS = 6 V, ID = 3 A
0.
Forward Transconductanceb
gfs
VDS = 15 V, ID = 3 A
35
S
Dynamica
Input Capacitance
Ciss
VGS = 0 V, VDS = 25 V, F = 1 MHz
1800
pF
Output Capacitance
Coss
180
Reverse Transfer Capacitance
Crss
80
Total Gate Chargec
Qg
VDS = 100 V, VGS = 10 V, ID = 3 A
34
51
nC
Gate-Source Chargec
Qgs
8
Gate-Drain Chargec
Qgd
12
Gate Resistance
Rg
0.5
2.9
Turn-On Delay Timec
td(on)
VDD = 100 V, RL = 5.2 Ω
ID ≅ 3 A, VGEN = 10 V, Rg = 2.5 Ω
15
25
ns
Rise Timec
tr
50
75
Turn-Off Delay Timec
td(off)
30
45
Fall Timec
tf
60
90
Source-Drain Diode Ratings and Characteristics (TC = 25 °C)
Pulsed Current
ISM
5
A
Diode Forward Voltageb
VSD
IF = 3 A, VGS = 0 V
0.9
1.5
V
Source-Drain Reverse Recovery Time
trr
IF = 3 A, dI/dt = 100 A/µs
180
250
ns
245
270
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw
K430
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com