Electronic Components Datasheet Search
  English  ▼

X  

LTC3374 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3374
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3374 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3374 Datasheet HTML 7Page - Analog Devices LTC3374 Datasheet HTML 8Page - Analog Devices LTC3374 Datasheet HTML 9Page - Analog Devices LTC3374 Datasheet HTML 10Page - Analog Devices LTC3374 Datasheet HTML 11Page - Analog Devices LTC3374 Datasheet HTML 12Page - Analog Devices LTC3374 Datasheet HTML 13Page - Analog Devices LTC3374 Datasheet HTML 14Page - Analog Devices LTC3374 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3315A
11
Rev. A
For more information www.analog.com
OPERATION
Buck Switching Regulators
The LTC3315A is a 5V dual 2A monolithic, constant fre-
quency, peak current mode step-down DC/DC converter.
The synchronous buck switching regulators are internally
compensated and require only external feedback resistors
to set the output voltage.
An internal oscillator, which can be externally synchro-
nized, turns on the internal PMOS power switch at the
beginning of each clock cycle. Current in the inductor
ramps up until the PMOS current comparator trips and
turns off the PMOS. The peak inductor current, IPEAK, at
which the PMOS turns off is controlled by an internal VC
voltage which the error amplifier regulates by compar-
ing the voltage on the feedback (FB) pin with an internal
500mV reference. An increase in the load current causes
a reduction in the feedback voltage relative to the refer-
ence, causing the error amplifier to raise the VC voltage
(and IPEAK) until the average inductor current matches the
new load current. When the PMOS turns off, the NMOS
turns on and ramps down the inductor current for the
remainder of the clock cycle or, if in pulse skipping mode
or Burst Mode, until the inductor current falls to zero. If
an overload condition results in excessive current flowing
through the NMOS, the next clock cycle will be skipped
until the current returns to a safe level.
Each buck switching regulator has its own SW, FB, and
EN pins. The buck input supplies are internally connected,
but each VIN pin should have its own input bypass capaci-
tor (see Applications Information). The enable pins have
precision 400mV thresholds which may be used to pro-
vide event-based power-up sequencing by connecting
the enable pin to the output of another buck through a
resistor divider. If the EN pin of a buck is low, that buck is
in shutdown and in a low quiescent current state. If both
EN pins are low, both bucks are in shutdown, the SW
pins are high impedance, and the quiescent current of the
LTC3315A is 1µA (typical). If either EN pin is above the
enable threshold of 400mV its respective buck is enabled.
Both buck regulators have forward and reverse inductor
current limiting, soft-start to limit inrush current during
start-up, and short-circuit protection. When both bucks
are disabled and either buck is subsequently enabled,
there is a 400µs (typical) delay while internal circuitry
powers up followed by a 100µs (typical) no start time
before switching commences and the soft-start ramp
begins. If a second buck is then enabled, it will also have
a 100µs (typical) no start time. If the second buck is
enabled within 400µs of the first buck, it will wait until
the expiry of the 400µs to begin its no start time.
The buck switching regulators are switched 180° out of
phase with respect to each other. The phase determines
the fixed edge of the switching sequence, which is when
the PMOS turns on. The PMOS off (NMOS on) phase is
subject to the regulated duty cycle of each buck.
Mode Selection
The buck switching regulators operate in three different
modes set by the MODE/SYNC pin: pulse skipping mode
(when the MODE/SYNC pin is set low), forced continuous
PWM mode (when the MODE/SYNC pin is floating), and
Burst Mode (when the MODE/SYNC pin is set high). The
MODE/SYNC pin sets the operating mode for both buck
switching regulators.
In pulse skipping mode, the oscillator operates continu-
ously and positive SW transitions are aligned to the clock.
Negative inductor current is disallowed and during light
loads switch pulses are skipped to regulate the output.
In forced continuous mode, the oscillator runs continu-
ously, no pulses are skipped, and switching occurs in
every cycle. To maintain regulation, the inductor current
is allowed to reverse under light load conditions. This
mode allows the buck to run at a fixed frequency with
minimal output ripple. In forced continuous mode if the
inductor current reaches –1A (typical, 1A into the SW pin)
the NMOS will turn off for the remainder of the cycle to
limit the current.
In Burst Mode operation, at light loads, the output capaci-
tor is charged to a voltage slightly higher than its regu-
lation point. The regulator then goes into a sleep state,
during which time the output capacitor provides the load
current. In sleep most of the regulator’s circuitry is pow-
ered down, helping to conserve input power. When the
output voltage drops below its programmed value, the cir-
cuitry is powered back on and another burst cycle begins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com