Electronic Components Datasheet Search
  English  ▼

X  

LTC3374 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC3374
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3374 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC3374 Datasheet HTML 13Page - Analog Devices LTC3374 Datasheet HTML 14Page - Analog Devices LTC3374 Datasheet HTML 15Page - Analog Devices LTC3374 Datasheet HTML 16Page - Analog Devices LTC3374 Datasheet HTML 17Page - Analog Devices LTC3374 Datasheet HTML 18Page - Analog Devices LTC3374 Datasheet HTML 19Page - Analog Devices LTC3374 Datasheet HTML 20Page - Analog Devices LTC3374 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC3315A
17
Rev. A
For more information www.analog.com
GND
3315ab F03
GROUND
PLANE ON
LAYER 2
R1, R3 KELVIN
TO GND ON
LAYER 4 TO VIAS
ON EXPOSED
PAD, PIN 13
R4
R3
R1
R2
4
1
VOUT2
CFF2
CFF1
VOUT1
L2
L1
COUT2
COUT1
10
CIN2
CIN1
VIN
7
13
APPLICATIONS INFORMATION
Figure 3. Recommended LTC3315A PCB Layout
pin 9, and the exposed pad. These capacitors provide
the AC current to the internal power MOSFETs and
their drivers. Large, switched currents flow in these
capacitors and it is important to minimize inductance
from these capacitors by choosing a small case size
such as 0603 and placing them close to the VIN pins
of the LTC3315A. To further minimize inductance and
input noise, smaller 0201 capacitors can be placed
as close as possible to the LTC3315A directly on the
traces leading from VIN (Pin 7) and GND (Pin 8) and on
the traces leading from VIN (Pin 10) and GND (Pin 9)
minimal (if at all) increase in application footprint.
3. The switching power traces connecting SW1 and SW2
to their respective inductors should be minimized to
reduce radiated EMI and parasitic coupling. Due to
the large voltage swing on the switching nodes, high
input impedance sensitive nodes, such as the feedback
nodes, should be kept far away or shielded from the
switching nodes or poor performance could result.
4. The GND side of the switching regulator output capaci-
tors connects directly to the thermal ground plane
of the IC. Minimize the trace length from the output
capacitor to the inductor(s)/pin(s).
High Temperature Considerations
A thermal representation of the LTC3315A thermally
enhanced LQFN package is shown in Figure 4 with the
silicon die and thermal metrics identified. The current
source represents power loss PD on the die; node voltages
represent temperatures; electrical impedances represent
conductive thermal impedances θJCBOTTOM, θJCTOP, θVIA,
θCB, and convective thermal impedances θCA and θBA. The
junction temperature, TJ, is calculated from the ambient
temperature, TA, as:
TJ = TA + PD • θJA
(11)
where, neglecting the θJCTOP + θCA path:
θJA ≈θJCB +
θCB +θBA
2
⎛
⎝
⎞
⎠ !
θCB +θBA
2
+θVIA
⎛
⎝
⎞
⎠ (12)
where θJCB  =  θJCBOTTOM = 10°C/W. The value of
θJA = 51°C/W reported in the Pin Configuration section
corresponds to JEDEC standard 2S2P test PCB, which
does not have good thermal vias, i.e., θVIA is relatively
high. Assuming, somewhat arbitrarily but not unreason-
ably, that θVIA ~ (θCB + θBA)/2, and back calculating it is
seen that (θCB + θBA)/2 = θVIA ≈ 60°C/W for such a board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com