Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3371
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3371 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3371 Datasheet HTML 5Page - Analog Devices LTC3371 Datasheet HTML 6Page - Analog Devices LTC3371 Datasheet HTML 7Page - Analog Devices LTC3371 Datasheet HTML 8Page - Analog Devices LTC3371 Datasheet HTML 9Page - Analog Devices LTC3371 Datasheet HTML 10Page - Analog Devices LTC3371 Datasheet HTML 11Page - Analog Devices LTC3371 Datasheet HTML 12Page - Analog Devices LTC3371 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC3315B
9
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
BUCK1
GND: PINS 8, 9, 13 (EXPOSED PAD)
EN1
1
VIN
SW1
7
11
FB1
2
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
BUCK
CONTROL
VIN
0.5V
VC2
SW2
10
6
FB2
3
SWITCH
LOGIC
AND
ANTI-
SHOOT
THROUGH
BUCK
CONTROL
0.4V
BUCK2
ENBUCK1
ENBUCK2
EN2
4
0.4V
PGOOD
3315B BD
5
OSCILLATOR
0.49V
0.55V
FB1
0.49V
0.55V
FB2
MODE/SYNC
12
+
–
+
–
+
–
+
–
+
–
+
–
ENBUCK1
ENBUCK2
+
–
0.5V
+
–
GM
VC1
GM
OVER
TEMPERATURE
DETECT
OT
OT
INTERNAL
REFERENCE
0.5V
0.49V
0.55V
0.4V
MODE
DETECTION
FC
BURST
PULSE SKIP
0°
180°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com