Electronic Components Datasheet Search
  English  ▼

X  

LTC3371 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC3371
Description  Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3371 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC3371 Datasheet HTML 8Page - Analog Devices LTC3371 Datasheet HTML 9Page - Analog Devices LTC3371 Datasheet HTML 10Page - Analog Devices LTC3371 Datasheet HTML 11Page - Analog Devices LTC3371 Datasheet HTML 12Page - Analog Devices LTC3371 Datasheet HTML 13Page - Analog Devices LTC3371 Datasheet HTML 14Page - Analog Devices LTC3371 Datasheet HTML 15Page - Analog Devices LTC3371 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LTC3315B
12
Rev. 0
For more information www.analog.com
OPERATION
APPLICATIONS INFORMATION
Output Voltage Soft-Start
Softstartingtheoutputpreventscurrentsurgeontheinput
supply and/or output voltage overshoot. During soft-start,
the output voltage will proportionally track an internal
voltage ramp. An active pull-down circuit discharges that
internal voltage in the case of fault conditions. The ramp
will restart when the fault is cleared. Fault conditions that
initiate the soft-start ramp are the VIN voltage falling too
low or thermal shutdown.
Recovery from an output short-circuit (see below) may
involve another soft-start cycle if the FB voltage falls more
than 120mV (typical) below regulation. During such a
recovery, the FB voltage will quickly charge up to 120mV
(typical) and then follow the soft-start ramp until regula-
tion is reached.
Dropout Operation
As the input supply voltage approaches the output volt-
age, the duty cycle increases toward 100%. Further reduc-
tion of the supply voltage forces the PMOS to remain on
for more than one cycle, eventually reaching 100% duty
cycle. The output voltage will then be determined by the
input voltage minus the DC voltage drop across the inter-
nal PMOS and the inductor.
Low Supply Operation
The LTC3315B is designed to operate down to an input
supply voltage of 2.25V. An important thermal design
consideration is that the RDS(ON) of the power switches
increases at low input. Consider the worst case LTC3315B
power dissipation and die junction temperature at the low-
est input voltage.
Output Short-Circuit Protection and Recovery
The peak inductor current level at which the current com-
parator shuts off the PMOS is controlled by the error
amplifier. When the output current increases, the error
amplifier raises the internal VC voltage until the average
inductor current matches the load current. The LTC3315B
clamps the maximum internal VC voltage, thereby limiting
the peak inductor current.
When the output is shorted to ground, the inductor cur-
rent decays very slowly during the downslope because
the voltage across the inductor is low. To keep the induc-
tor current in control a secondary limit is imposed on
the valley of the inductor current. If the inductor cur-
rent measured through the NMOS remains greater than
IVALLEY at the end of the cycle, the PMOS will be held
off. Subsequent switching cycles will be skipped until the
inductor current falls below IVALLEY.
Buck Switching Regulator Output Voltage and
Feedback Network
The output voltage of the buck switching regulators is
programmed by a resistor divider connected from the
switching regulator’s output to ground and is given by:
VOUT = VFB 1+
R2
R1
⎛
⎝
⎜
⎞
⎠
⎟
(1)
as shown in Figure 1 where VFB = 500mV. Typical val-
ues for R1 range from 40kΩ to 1MΩ. 1% resistors are
recommended to maintain output voltage accuracy. The
buck regulator transient response may improve with
an optional phase lead capacitor CFF that helps cancel
the pole created by the feedback resistors and the input
capacitance of the FB pin. Experimentation with capaci-
tor values between 2pF and 22pF may improve transient
response. The values used in the typical application cir-
cuits are a good starting point.
Figure 1. Feedback Components
COUT
CFF
R2
VOUT
FB
3315B F01
BUCK
SWITCHING
REGULATOR
(OPTIONAL)
+
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com