Electronic Components Datasheet Search
  English  ▼

X  

O7PD Datasheet(PDF) 4 Page - Fox Electronics

Part # O7PD
Description  7x5mm LVPECL SMD Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O7PD Datasheet(HTML) 4 Page - Fox Electronics

  O7PD Datasheet HTML 1Page - Fox Electronics O7PD Datasheet HTML 2Page - Fox Electronics O7PD Datasheet HTML 3Page - Fox Electronics O7PD Datasheet HTML 4Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7x5mm LVPECL SMD Oscillator
O7PD
(former F4600A series)
DATASHEET
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O7PD SERIES STANDARD SPECIFICATIONS
Drawing Number: O7PD-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 05/05/2020
Page 4 of 4
Tape Specifications (millimeters)
Reel Specifications (millimeters)
A
B
C
D
E
F
Reel Qty
G
H
I
J
K
L
M
Ø1.5
4.0
8.0
7.5
16.0
2.15
-T1 = 1,000
-T2 = 2,000
2.0
Ø13
Ø21
Ø80
Ø255
17.5
2.0
Available Options & Part Identification*
Example: F O7PD C B M 62.5
F
O7PD
C
B
M
62.5
Fox
Model Number
Voltage
J = 2.5V±10%
C = 3.3V±10%
Stability
A = ±100PPM
B = ±50PPM
D = ±25PPM
E = ±20PPM
Operating
Temperature
E = -10 to +70ºC
F = -20 to +70ºC
M = -40 to +85°C
Frequency
*Not all frequencies in the frequency range, or every combination of stability, temp range, and voltage available. See stabilities and op temps
for each VDD.
Corporate Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
http://www.FOXONLINE.com
Sales
1-888-GET-2-FOX (1-888-438-2369)
or
1-239-693-0099
http://www.FOXONLINE.com/repdisty
Tech Support
http://www.FOXONLINE.com/email
Product use: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox
Electronics' sole discretion. All information in this document, including descriptions of product features and performance, is subject to
change without notice. Performance specifications and the operating parameters of the described products are determined in the
independent state and are not guaranteed to perform the same way when installed in customer products. The information contained
herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability
of Fox Electronics' products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual
property rights of others. This document is presented only as a guide and does not convey any license under intellectual property rights
of Fox Electronics or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life support
systems or similar devices where the failure or malfunction of a Fox Electronics product can be reasonably expected to
significantly affect the health or safety of users. Anyone using a Fox Electronics product in such a manner does so at their own
risk, absent an express, written agreement by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change without
notice. Other trademarks and service marks used herein, including protected names, logos and designs, are the property of Fox
Electronics or their respective third-party owners.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com