Electronic Components Datasheet Search
  English  ▼

X  

O7PD Datasheet(PDF) 1 Page - Fox Electronics

Part # O7PD
Description  7x5mm LVPECL SMD Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

O7PD Datasheet(HTML) 1 Page - Fox Electronics

  O7PD Datasheet HTML 1Page - Fox Electronics O7PD Datasheet HTML 2Page - Fox Electronics O7PD Datasheet HTML 3Page - Fox Electronics O7PD Datasheet HTML 4Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
7x5mm LVPECL SMD Oscillator
O7PD
(former F4600A series)
DATASHEET
© Copyright 2020 Fox Electronics. All rights reserved
Title / Description: O7PD SERIES STANDARD SPECIFICATIONS
Drawing Number: O7PD-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 05/05/2020
Page 1 of 4
• LVPECL Output
• Stabilities to ±20 PPM
• Temperature Ranges to -40ºC to +85ºC
• Supply Voltages: 2.5V, 3.3V
• Pin 2 Enable/Disable
2.5V ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range
40.000 ~325.000 MHz
Storage Temperature Range (TSTG)
-55 ~ +125°C
Supply Voltage
(VDD)
2.5V±10%
Input Current
(IDD)
88mA
Standby Current
30µA
Output Symmetry
(50%VP-P level)
40.000 ~ 170.000 MHz
>170.000 ~ 325.000 MHz
45% ~ 55%
40% ~ 60%
Rise Time (20%~80% VP-P)
1nS
Fall Time
(80%~20% VP-P)
1nS
Output Voltage
(VOL)
(VOH)
1.195V
1.415V Min.
Output Load
50 Ohms to VDD
– 2.0V
Start-up Time
(TS)
10mS
Output Disable Time 1
200nS
Output Enable Time 1
10mS
Phase Jitter (12kHz~20MHz BW)
0.3pS Typ.
1 An internal pull-up resistor from pin 2 to pin 6 allows active output if pin 1 is left open.
2 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration. (*Excludes shock and vibration)
• Available Options by Stability & Operating Temp for 2.5V 2
Frequency
Stability
2
Operating
Temperature (ºC)
Frequency Range (MHz)
±100PPM
-10 ~ +70
40.000 ~ 325.000
±100PPM
-20 ~ +70
40.000 ~ 325.000
±100PPM
-40 ~ +85
40.000 ~ 325.000
±50PPM
-10 ~ +70
40.000 ~ 325.000
±50PPM
-20 ~ +70
40.000 ~ 325.000
±50PPM
-40 ~ +85
40.000 ~ 325.000
±25PPM*
-10 ~ +70
40.000 ~ 325.000
±25PPM*
-20 ~ +70
40.000 ~ 325.000
±25PPM*
-40 ~ +85
40.000 ~ 280.000
ENABLE / DISABLE FUNCTION
Pin 2
Out 1 (pin 4), Out 2 (pin 5)
OPEN
1
Active
‘1’ Level V
IH  70%VDD
Active
‘0’ Level V
IL  30%VDD
High Z


Similar Part No. - O7PD

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
O7PS FOX-O7PS Datasheet
210Kb / 4P
7x5mm LVPECL Oscillator
O7PU FOX-O7PU Datasheet
217Kb / 3P
Ultra-Low Jitter 7x5mm SMD Oscillator
More results

Similar Description - O7PD

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EQXP-PC72 EUROQUARTZ-EQXP-PC72 Datasheet
164Kb / 1P
LVPECL 7x5mm 2.5V OSCILLATOR
EQXP-PC73 EUROQUARTZ-EQXP-PC73 Datasheet
164Kb / 1P
LVPECL 7x5mm 3.3V OSCILLATOR
logo
List of Unclassifed Man...
BBSERIES ETC2-BBSERIES Datasheet
694Kb / 1P
7X5MM SMD LVPECL CXO BB SERIES
logo
Fox Electronics
O7HA FOX-O7HA Datasheet
272Kb / 5P
HCMOS 7x5mm SMD Oscillator
O7HB FOX-O7HB Datasheet
240Kb / 3P
HCMOS 7x5mm SMD Oscillator
O7HH FOX-O7HH Datasheet
242Kb / 3P
HCMOS 7x5mm SMD Oscillator
O7HS FOX-O7HS Datasheet
296Kb / 5P
HCMOS 7x5mm SMD Oscillator
O7PS FOX-O7PS Datasheet
210Kb / 4P
7x5mm LVPECL Oscillator
O7SL FOX-O7SL Datasheet
220Kb / 4P
HCSL 7x5mm SMD Oscillator
S7BC FOX-S7BC Datasheet
233Kb / 3P
7x5mm Spread Spectrum SMD Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com