Electronic Components Datasheet Search
  English  ▼

X  

T2GN Datasheet(PDF) 3 Page - Fox Electronics

Part # T2GN
Description  2.5x2.0mm C-Sine GPS TCXO/VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

T2GN Datasheet(HTML) 3 Page - Fox Electronics

  T2GN Datasheet HTML 1Page - Fox Electronics T2GN Datasheet HTML 2Page - Fox Electronics T2GN Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.5x2.0mm C-Sine GPS TCXO/VCTCXO T2GN/T2GV
(Former FOX922-GP series)
DATASHEET
Page 3 of 3
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: T2GN/T2GV SERIES STANDARD SPECIFICATIONS
Drawing Number: T2GN-T2GV-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 10/31/2019
Tape Specifications (millimeters)
Reel Specifications (millimeters)
A
B
C
D
E
F
Reel Qty
G
H
I
J
K
L
M
Ø1.5
4.0
4.0
3.5
8.0
1.4
-T3 = 3,000
-T2 = 2,000
-T1 = 1,000
2.5
Ø13
Ø20.2
Ø60
Ø180
9.0
1.4
Available Options & Part Identification for TCXO Model T2GN/T2GV1
F T2GN D U K 26.0
F
T2GN
D
U
K
26.0
FOX
Model Number
Voltage
Stability
Operating Temperature
Frequency (MHz)
D = +3.0V±5%
K = +1.8V±5%
U = ±0.5 PPM
K = -30 to +85ºC
M = -40 to +85ºC
1 Not all frequencies in the frequency range, or every combination of stability, temp range, and voltage available. See stabilities/operating temp table.
Corporate
Headquarters
5570 Enterprise Parkway
Fort Myers, FL 33905
http://www.FOXONLINE.com
Sales
1-888-GET-2-FOX (1-888-438-2369) or
1-239-693-0099
http://www.FOXONLINE.com/repdisty
Tech Support
http://www.FOXONLINE.com/email
PRODUCT USE: Fox Electronics reserves the right to modify the products and/or specifications described herein at any time and at Fox Electronics' sole
discretion. All information in this document, including descriptions of product features and performance, is subject to change without notice. Performance
specifications and the operating parameters of the described products are determined in the independent state and are not guaranteed to perform the same
way when installed in customer products. The information contained herein is provided without representation or warranty of any kind, whether express or
implied, including, but not limited to, the suitability of Fox Electronics' products for any particular purpose, an implied warranty of merchantability, or non-
infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual
property rights of Fox Electronics or any third parties.
Fox Electronics' products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices
where the failure or malfunction of a Fox Electronics product can be reasonably expected to significantly affect the health or safety of users. Anyone using
a Fox Electronics product in such a manner does so at their own risk, absent an express, written agreement by Fox Electronics.
Fox Electronics and the Fox logo are registered trademarks of Fox Electronics. Product specification is subject to change without notice. Other
trademarks and service marks used herein, including protected names, logos and designs, are the property of Fox Electronics or their respective third-
party owners.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com