Electronic Components Datasheet Search
  English  ▼

X  

T2GN Datasheet(PDF) 1 Page - Fox Electronics

Part # T2GN
Description  2.5x2.0mm C-Sine GPS TCXO/VCTCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

T2GN Datasheet(HTML) 1 Page - Fox Electronics

  T2GN Datasheet HTML 1Page - Fox Electronics T2GN Datasheet HTML 2Page - Fox Electronics T2GN Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.5x2.0mm C-Sine GPS TCXO/VCTCXO T2GN/T2GV
(Former FOX922-GP series)
DATASHEET
Page 1 of 3
© Copyright 2019 Fox Electronics. All rights reserved
Title / Description: T2GN/T2GV SERIES STANDARD SPECIFICATIONS
Drawing Number: T2GN-T2GV-DOC-1
Size: A
Part Number:
Cage: 61429
Draftsperson: BEC
Approved: MAJ
Revision Date: 10/31/2019
Analog Temperature Compensation
GPS
1For proper operation, a control voltage (Vc) must be applied to pin 1 of VCTCXO’s.
All specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
PARAMETERS
MAX (unless otherwise noted)
Frequency Range (MHz)
8.0 ~ 52.000
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
-30ºC ~ +85ºC
-40ºC ~ +85ºC
Supply Voltage
(VDD) (±5%)
1.8V; 3.0V
Input Current
(IDD)
8 ~ 32MHz
>32 ~ 52MHz
1.5mA
2.0mA
Initial Frequency Tolerance @ 25ºC (after reflow)
(T2GV: Vc = VDD/2)1
±2.0 PPM
Frequency Stability
Vs Temperature Range
Vs Supply Voltage Change (VDD±5%)
Vs Load Change [10kΩ//10pF]±10%
±0.5 PPM
±0.1 PPM
±0.1 PPM
Frequency Slope
-30ºC ~ +85ºC
-20ºC ~ +65ºC
±0.1PPM/ºC
±0.05PPM/ºC
Output Voltage Level
0.8Vp-p min
Output Load
[10kΩ//10pF]+-10%
Pullability (T2GVD:Vc=0.5VDD±1.0V; T2GVK:0.9V±0.9V)1
±5 ~ ±20 PPM nom
Aging per year
±1.0 PPM
Startup Time
(TS)
2.0mS
Phase Noise
@ 1kHz offset
-130 dBc/Hz Typical


Similar Part No. - T2GN

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G4003532-FL TRIQUINT-T2G4003532-FL Datasheet
990Kb / 13P
30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T2G4003532-FL-EVB1 TRIQUINT-T2G4003532-FL-EVB1 Datasheet
990Kb / 13P
30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T2G4003532-FL-EVB1 TRIQUINT-T2G4003532-FL-EVB1 Datasheet
984Kb / 13P
30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS Datasheet
990Kb / 13P
30W, 32V DC 3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T2GN

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX923 FOX-FOX923_09 Datasheet
165Kb / 1P
1.8V~3.3V, Clipped SINE, SMD TCXO/VCTCXO
FOX923-GP FOX-FOX923-GP Datasheet
173Kb / 1P
SMD TCXO/VCTCXO for GPS Applications
logo
Advanced Crystal Techno...
ACT751T-4 ACT-ACT751T-4_13 Datasheet
373Kb / 3P
Clipped Sine Wave TCXO/VCTCXO
07/10/2013
logo
Fox Electronics
T1GN FOX-T1GN Datasheet
173Kb / 2P
2.0 x 1.6 mm TCXO / VCTCXO - GPS
T2CN FOX-T2CN Datasheet
190Kb / 3P
2.5x2.0mm C-Sine TCXO/VCTCXO
T2HD FOX-T2HD Datasheet
162Kb / 2P
2.5x2.0mm HCMOS TCXO
T3AN FOX-T3AN Datasheet
188Kb / 2P
3.2x2.5mm C-Sine TCXO/VCTCXO
T3CN FOX-T3CN Datasheet
173Kb / 2P
3.2x2.5mm C-Sine TCXO/VCTCXO
T5CN FOX-T5CN Datasheet
241Kb / 2P
5.0x3.2mm C-Sine TCXO/VCTCXO
T3GN FOX-T3GN Datasheet
185Kb / 2P
3.2x2.5mm C-Sine GPS TCXO/VCTCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com