Electronic Components Datasheet Search
  English  ▼

X  

CFM130S Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # CFM130S
Description  130 WATT OPEN FRAME AC-DC MODULES WITH PFC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM130S Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  CFM130S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM130S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM130S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CFM130S Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CFM130S Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cincon.com
2
REVISION: V11
CFM130S Series
TECHNICAL SPECIFICATIONS
(All specifications are typical at nominal input, full load at 25°C unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Input Voltage
All
80
264
Vac
Operating Temperature
See Derating Curve
All
-30
70
°C
Storage Temperature
All
-40
85
°C
Input/Output Isolation Voltage
1 minute
All
4000
Vac
Operating Altitude
All
5000
m
INPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Operating Voltage Range
All
100
240
Vac
Input Frequency Range
All
47
60
Hz
Maximum Input Current
100% Load, Vin=100Vac
All
1.8
A
Inrush Current
Cold Start, Vin=240Vac
All
100
A
Leakage Current (Tounch)
All
100
uA
Under Voltage Protection
All
55
62
70
V
OUTPUT
CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Output Voltage Set Point
Vin=Nominal Vin, Io=Io max., Tc=25℃.
CFM130S120
11.76
12
12.24
Vdc
CFM130S240
23.52
24
24.48
CFM130S360
35.28
36
36.72
CFM130S480
47.04
48
48.96
Operating Output Current Range
Safety Approvals do not Apply
to the Base Plank & Cover Versions,
Only to the Open Frame Versions.
CFM130S120
10.8
A
CFM130S240
5.4
CFM130S360
3.6
CFM130S480
2.7
Holdup Time
Vin=115Vac
All
20
ms
Output Voltage Regulation
Load Regulation
20% Load to Full Load
All
±1.0
%
Line Regulation
Vin=High Line to Low Line
All
±0.5
%
Over Voltage Protection
Auto Recovery
CFM130S120
13.5
Vdc
CFM130S240
30
CFM130S360
42
CFM130S480
54
Over Current Protection
Auto Recovery
All
150
170
190
%
Short Circuit Protection
Auto Recovery
All
Output Ripple and Noise
1. Add a 0.1uF Ceramic Capacitor and a 10uF
Aluminum Electrolytic Capacitor to Output.
2. Oscilloscope is 20MHz Band Width.
3. Ambient Temperature=25℃
CFM130S120
120
mV
CFM130S240
240
CFM130S360
360
CFM130S480
480
Load Capacitance
1. Ambient Temperature=25℃
2. Input Voltage is 115VAC and 230VAC
3. Output is max. Load
CFM130S120
8400
uF
CFM130S240
4200
CFM130S360
2720
CFM130S480
2040
Efficiency
Output is rated load
Ambient temperature=25℃
@ Input voltage is 230VAC
CFM130S120
93
%
CFM130S240
93
CFM130S360
94
CFM130S480
94



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com