Electronic Components Datasheet Search
  English  ▼

X  

CFM130S Datasheet(PDF) 3 Page - CINCON ELECTRONICS Corporation

Part # CFM130S
Description  130 WATT OPEN FRAME AC-DC MODULES WITH PFC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

CFM130S Datasheet(HTML) 3 Page - CINCON ELECTRONICS Corporation

  CFM130S Datasheet HTML 1Page - CINCON ELECTRONICS Corporation CFM130S Datasheet HTML 2Page - CINCON ELECTRONICS Corporation CFM130S Datasheet HTML 3Page - CINCON ELECTRONICS Corporation CFM130S Datasheet HTML 4Page - CINCON ELECTRONICS Corporation CFM130S Datasheet HTML 5Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.cincon.com
3
REVISION: V11
CFM130S Series
ISOLATION CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Input to Output
1 minute (without dielectric breakdown)
All
3000
Vac
Input to Earth (Ground)
1 minute (without dielectric breakdown)
All
1500
Vac
Output to Earth (Ground)
1 minute (without dielectric breakdown)
All
500
Vac
Isolation Resistance
Input to Output
All
100
MΩ
FEATURE CHARACTERISTICS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
Switching Frequency
All
105
KHz
GENERAL SPECIFICATIONS
PARAMETER
NOTES and CONDITIONS
Device
Min.
Typ.
Max.
Units
MTBF
Io=100%; Ta=25℃ per MIL-HDBK-217F
All
400
K
hours
Humidity
Nom-condensing
All
93
% RH
Shock
Meets MIL-STD-810F Table 516.5,TABLE
516.5-1 10ms, each axis 3 times(+-X、Y、Z
axis)
All
75
g
Vibration
Meets MIL-STD-810F Table 514.5C-
VIII,15~2000Hz, X、Y、Z axis, 1 hr(each
axis),. total 3 hrs.
All
4
g
Weight
CFM130S
135
grams
CFM130S-B
170
CFM130S-C
218
Dimensions
Open Frame (Wafer)
All
3.000x2.000x1.201 Inches
(76.20x50.80x30.50 mm)
B (Base Cooling)
All
3.598x2.000x1.299 Inches
(91.40x50.80x33.00mm)
C (
Cover)
All
3.598x2.520x1.358 Inches
(91.40x64.00x34.50mm)
Safety
Class I, Class II, IEC/EN/UL62368-1
Safety approvals do not apply to the base cooling & covered version only to the open frame versions
EMC Emission
EN 55032: 2015+A1: 2016, 47 CFR FCC Part 15 Subpart B, EN 61204-3: 2000,
EN 6100-6-3: 2007+A1: 2011+AC: 2012, EN 6100-6-4: 2007+A1: 2011
Class B
Conducted Disturbance
EN 55032, 47 CFR FCC Part 15 (Class I & Class II meets Class B)
Class B
Radiated Disturbance
EN 55032, 47 CFR FCC Part 15 (Class I Meet Class B; Class II Meet Class A)
Class B
Harmonic Current Emissions
EN 61000-3-2:2014
Class A
Voltage Fluctuations & Flicker
EN 61000-3-3:2013
EMC Immunity
EN 55024: 2010+A1: 2015, EN 61000-6-1: 2007, EN 61000-6-2: 2005+AC, EN 61204-3: 2000
Electrostatic Discharge (ESD)
IEC 61000-4-2:2008 Air Discharge: ±8kV, Contact Discharge: ±4kV
Criterion A
Radio-Frequency,
Continuous
Radiated Disturbance
IEC 61000-4-3:2010
Criterion A
Electrical Fast Transient (EFT)
IEC61000-4-4:2012, ±1kV, ±2kV
Criterion A
Surge
IEC61000-4-5:2014, L-N: ±0.5kV, ±1kV, L-E(Ground): ±0.5kV, ±1kV, ±2kV
Criterion A
Conducted Disturbances, Induced
by RF Fields
IEC 61000-4-6:2013
Criterion A
Power Frequency Magnetic Field
IEC 61000-4-8:2009
Criterion A
Voltage Dips
IEC 61000-4-11:2004, Dip: 30% Reduction, Dip >95% Reduction
Criterion A
Voltage Interruptions
IEC 61000-4-11:2004, >95% Reduction
Criterion B
Application Note Link
CFM130S Series App Notes



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com