Electronic Components Datasheet Search
  English  ▼

X  

ALD Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # ALD
Description  50.4 WATT BUCK LED DRIVER with DALI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

ALD Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  ALD Datasheet HTML 1Page - CINCON ELECTRONICS Corporation ALD Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V11
1
ALD SERIES
50.4 WATT
BUCK LED DRIVER with DALI
Features
* LED Driver Current up to 1400mA
* Constant Current Output
* Digital Address Lighting Interface (DALI)
* High Efficiency up to 95%
* Continuous Short Circuit Protection
* High Reliability
* IP65 Protection
Note:
1. 3V<Vin-Vout<30Vdc, to keep current accuracy. Nominal Input Voltage: 48Vdc, 28Vdc (D140 models).
2. Ripple and Noise are measured at rated current, Nominal Input and 36Vdc or 24Vdc (D140 Models) Output and
20MHz Bandwidth with a 0.1uF Ceramic Capacitor.
3. Measured at Rated Current, Nominal Input and 36Vdc or 24Vdc (D140 Models) Output.
4. Acceptable Customer Modifications.
MODEL
NUMBER
Input Voltage
Range
Output Operating
Voltage
Output Rated
Current
Output Rated
Power
Ripple and
Noise (max.)
Note2
Efficiency
(TYPICAL)
Note3
ALD-D035
6–50 VDC
3-45 VDC
350 mA
15.75 W
300 mVpp
95%
ALD-D050
6–50 VDC
3-45 VDC
500 mA
22.5 W
500 mVpp
95%
ALD-D070
6–50 VDC
3-45 VDC
700 mA
31.50 W
500 mVpp
95%
ALD-D100
6–50 VDC
3-45 VDC
1050 mA
47.25 W
500 mVpp
95%
ALD-D140
6–40 VDC
3-36 VDC
1400 mA
50.4 W
500 mVpp
95%


Similar Part No. - ALD

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ALD ABRACON-ALD Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
ALD ABRACON-ALD Datasheet
312Kb / 2P
CERAMIC SMD CRYSTAL CLOCK OSCILLATOR
logo
Ashcroft, Inc.
ALD ASHCROFT-ALD Datasheet
1Mb / 3P
Acid Leak Detection (ALD) Assembly
RevF_03-23-22
logo
TDK Electronics
ALD-310012PJ125 TDK-ALD-310012PJ125 Datasheet
644Kb / 4P
DC-DC Converter for LC Panels with LED Backlights
ALD-414012PJ126 TDK-ALD-414012PJ126 Datasheet
596Kb / 4P
DC-DC Converter for LC Panels with LED Backlights
More results

Similar Description - ALD

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
ALD-E CINCON-ALD-E Datasheet
285Kb / 2P
50.4 WATT BUCK LED DRIVER with DALI
DLD CINCON-DLD Datasheet
304Kb / 2P
57 WATT BUCK LED DRIVER
logo
Mean Well Enterprises C...
XLG-200-DA2 MEANWELL-XLG-200-DA2 Datasheet
658Kb / 6P
200W Constant Power Mode with DALI-2 LED Driver
2023-02-14
XLG-50-DA2 MEANWELL-XLG-50-DA2 Datasheet
573Kb / 6P
50W Constant Power Mode with DALI-2 LED Driver
2023-02-23
XLG-240-DA2 MEANWELL-XLG-240-DA2 Datasheet
650Kb / 6P
240W Constant Power Mode with DALI-2 LED Driver
2023-02-10
logo
Lite-On Technology Corp...
PE-1360-99DK LITEON-PE-1360-99DK Datasheet
475Kb / 6P
LED Driver DALI Performance Series
RE-1400-99CK LITEON-RE-1400-99CK Datasheet
470Kb / 6P
LED Driver DALI Performance Series
logo
Inventronics Inc.
EUD-150SXXXBT INVENTRONICS-EUD-150SXXXBT Datasheet
982Kb / 11P
150W Programmable IP67 Driver with DALI
Rev. F
EUD-150SXXXBV INVENTRONICS-EUD-150SXXXBV Datasheet
479Kb / 10P
150W Programmable IP67 Driver with DALI
Rev. E
EUD-200SXXXBV INVENTRONICS-EUD-200SXXXBV Datasheet
471Kb / 10P
200W Programmable IP67 Driver with DALI
Rev. F
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com