Electronic Components Datasheet Search
  English  ▼

X  

ALD Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # ALD
Description  50.4 WATT BUCK LED DRIVER with DALI
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

ALD Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  ALD Datasheet HTML 1Page - CINCON ELECTRONICS Corporation ALD Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V11
2
Specifications
ALD Derating Curve
All specifications are Typical at nominal line, full load and 25˚C unless otherwise noted
INPUT SPECIFICATIONS:
Input Voltage …….……..…… 1400mA/other …...... 6-40VDC/6-50Vdc
Input Surge Voltage (1second) … 1400mA/other ….. 50Vdc/65Vdc max.
Input Filter …………………………………………….…………. Capacitor
Under Voltage Lockout ………….… Power up …………..… 4.2Vdc typ.
Power down …………. 3.8Vdc typ.
OUTPUT SPECIFICATIONS:
Constant Current Accuracy (note1) ..……………..…….……… ±5% max.
Current Line Regulation (note2) ……………….………..……. ±5% max.
Current Load Regulation (note3) ..…………….………..………. ±5% max.
Short Circuit Protection …..…….. Constant Current with Auto Recovery
Start up time …………………………………………………… 60ms max.
GENERAL SPECIFICATIONS:
Efficiency ……………………………….…………………………. See Table
Temperature Coefficient ……….............….…..…… ±0.05%/℃(0-50℃)
Isolation Voltage ………………………………………..……. Non-isolation
Switching Frequency ..….…………………………..……….. 500KHz typ.
Operating Ambient Temperature …......... -40~75℃ see Derating Curve
Case Temperature ................................................................. 100
max.
Cooling …………………………………………..……. Natural Convection
Storage Temperature ……...………....………………........... -55-125℃
Operating Humidity …………………….… 10%~95%RH non-condensing
Operating Altitude …………….…………………..…. Sea Level to 3000m
Shock/Vibration ………………………………………….… MIL-STD-810F
MTBF ………… MIL-HDBK-217F/25℃ ..……………..…. 700Khrs typ.
NOTE:
Dimensions ….…...... Other: 1.60x0.93x0.40 Inches(40.6x23.5x10.1mm)
1. 3V<Vin-Vout<30Vdc to keep current accuracy.
T:2.354x1.339x0.646 Inches(59.80x34.01x16.40mm)
2. Current line regulation is measured from high line to low line.
Weight ……………………..… PIN/LW/T ………………… 18g/23g/30g
3. Current load regulation is measured from high to low operating voltage.
Case Material ………………………..……………………….. Plastic Case
4. Suffix ”LW” to the model number with wire type.
DALI Control:
5. Suffix” T” to the model number with terminal type and only meets IP20
Output Current Dimming Range ……..………………..……….. 5%-100%
Terminal: WAGO 250-108 or equivalent; wire range: 16~20 AWG.
SAFETY AND EMISSIONS:
6. Acceptable customer modifications.
EMI ………...………………......……............ EN55022/EN55015 Class B
EMS ………......................................... EN61547,EN61000-4-2, 3, 4, 5, 6
Mechanical Specification
-40.0
75
70
60
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
Ambient Temperature(℃)
ALD-DXXX(LW)
350mA
500mA
700mA
1050mA
1400mA
-40.0
70
65
55
45
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
Ambient Temperature(℃)
ALD-DXXXT
350mA
500mA
700mA
1050mA
1400mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com