Electronic Components Datasheet Search
  English  ▼

X  

LM3203TLX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3203TLX
Description  Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3203TLX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3203TLX Datasheet HTML 1Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 2Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 3Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 4Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 5Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 6Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 7Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 8Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
DD,PVIN to SGND
−0.2V to +6.0V
PGND to SGND
−0.2V to +0.2V
EN, FB, BYP, V
CON
(SGND −0.2V)
to (V
DD +0.2V)
w/6.0V max
SW, BYPOUT
(PGND −0.2V)
to (PV
IN +0.2V)
w/6.0V max
PV
IN to VDD
−0.2V to +0.2V
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Lead Temperature
(Soldering, 10 sec)
+260˚C
ESD Rating (Note 4)
Human Body Model
2.0 kV
Operating Ratings (Notes 1, 2)
Input Voltage Range
2.7V to 5.5V
Recommended Load Current
PWM Mode
0mA to 500mA
Bypass Mode
0mA to 500mA
Junction Temperature (T
J) Range
−30˚C to +125˚C
Ambient Temperature (T
A) Range
(Note 5)
−30˚C to +85˚C
Thermal Properties
Junction-to-Ambient Thermal
100˚C/W
Resistance (
θ
JA), TLP10 Package (Note 6)
Electrical Characteristics (Notes 2, 7) Limits in standard typeface are for T
A =TJ = 25˚C. Limits in bold-
face type apply over the full operating ambient temperature range (−30˚C
≤ T
A =TJ
≤ +85˚C). Unless otherwise noted, speci-
fications apply to the LM3203 with: PV
IN =VDD = EN = 3.6V, BYP = 0V, VCON = 0.267V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Input Voltage Range
(Note 8)
PV
IN =VDD =VIN
2.7
5.5
V
V
FB, MIN
Feedback Voltage at
Minimum Setting
V
CON = 0.267V, VIN = 3.6V
0.250
0.267
0.284
V
V
FB, MAX
Feedback Voltage at
Maximum Setting
V
CON = 1.20V, VIN = 4.2V
1.176
1.200
1.224
V
OVP
Over-Voltage
Protection Threshold
(Note 9)
100
150
mV
I
SHDN
Shutdown Supply
Current (Note 10)
EN = SW = BYPOUT = V
CON =FB=0V
0.1
3
µA
I
Q_PWM
DC Bias Current into
V
DD
V
CON = 0.267V, FB = 2V, BYPOUT = 0V, No
Switching
675
780
µA
I
Q_BYP
BYP = 3.6V, V
CON = 0.5V, No Load
680
780
µA
R
DSON (P)
Pin-Pin Resistance for
P-FET
I
SW = 500mA
320
450
m
Ω
R
DSON (N)
Pin-Pin Resistance for
N-FET
I
SW = − 200mA
310
450
m
Ω
R
DSON
(BYP)
Pin-Pin Resistance for
Bypass FET
I
BYPOUT = 500mA
85
120
m
Ω
I
LIM-PFET
Switch Current Limit
(Note 11)
700
820
940
mA
I
LIM-BYP
Bypass FET Current
Limit
(Note 12)
800
1000
1200
mA
F
OSC
Internal Oscillator
Frequency
1.7
2
2.2
MHz
V
IH
Logic High Input
Threshold for EN, BYP
1.20
V
V
IL
Logic Low Input
Threshold for EN, BYP
0.4
V
I
PIN
Pin Pull Down Current
for EN, BYP
EN, BYP = 3.6V
5
10
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com