Electronic Components Datasheet Search
  English  ▼

X  

LM3203TLX Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3203TLX
Description  Step-Down DC-DC Converter with Bypass Mode for CDMA / WCDMA RF Power Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3203TLX Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3203TLX Datasheet HTML 7Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 8Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 9Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 10Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 11Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 12Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 13Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 14Page - National Semiconductor (TI) LM3203TLX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Information (Continued)
1.
Place the LM3203 on 10.82 mil pads. As a thermal relief,
connect to each pad with a 7 mil wide, approximately 7
mil long traces, and when incrementally increase each
trace to its optimal width. The important criterion is sym-
metry to ensure the solder bumps on the LM3203 re-flow
evenly (see Micro SMD Package Assembly and Use).
2.
Place the LM3203, inductor and filter capacitors close
together and make the trace short. The traces between
these components carry relatively high switching cur-
rents and act as antennas. Following this rule reduces
radiated noise. Place the capacitors and inductor close
to the LM3203. The input capacitor should be placed
right next to the device between PV
IN and PGND pin.
3.
Arrange the components so that the switching current
loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor,
through the LM3203 and inductor to the output filter
capacitor and back through ground, forming a current
loop. In the second half of each cycle, current is pulled
up from ground, through the LM3203 by the inductor, to
the output filter capacitor and then back through ground,
forming a second current loop. Routing these loops so
the current curls in the same direction, prevents mag-
netic field reversal between the two half-cycles and re-
duces radiated noise.
4.
Connect the ground pins of the LM3203, and filter ca-
pacitors together using generous component side cop-
per fill as a pseudo-ground plane. Then connect this to
the ground-plane (if one is used) with several vias. This
reduces ground plane noise by preventing the switching
currents from circulating through the ground plane. It
also reduces ground bounce at the LM3203 by giving it
a low impedance ground connection.
5.
Use wide traces between the power components and for
power connections to the DC-DC converter circuit. This
reduces voltage errors caused by resistive losses across
the traces.
6.
Route noise sensitive traces, such as the voltage feed-
back trace, away from noisy traces and components.
The voltage feedback trace must remain close to the
LM3203 circuit and should be routed directly from FB pin
to V
OUT at the output capacitor. A good approach is to
route the feedback trace on another layer and to have a
ground plane between the top layer and the layer on
which the feedback trace is routed. This reduces EMI
radiation on to the DC-DC converter’s own voltage feed-
back trace.
7.
It is recommended to connect BYPOUT pin to V
OUT at
the output capacitor using a separate trace, instead of
connecting it directly to the FB pin for better noise
immunity.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com