Electronic Components Datasheet Search
  English  ▼

X  

PR4101 Datasheet(PDF) 1 Page - PREMA Semiconductor.

Part # PR4101
Description  High Power LED Buck Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4101 Datasheet(HTML) 1 Page - PREMA Semiconductor.

  PR4101 Datasheet HTML 1Page - PREMA Semiconductor. PR4101 Datasheet HTML 2Page - PREMA Semiconductor. PR4101 Datasheet HTML 3Page - PREMA Semiconductor. PR4101 Datasheet HTML 4Page - PREMA Semiconductor. PR4101 Datasheet HTML 5Page - PREMA Semiconductor. PR4101 Datasheet HTML 6Page - PREMA Semiconductor. PR4101 Datasheet HTML 7Page - PREMA Semiconductor. PR4101 Datasheet HTML 8Page - PREMA Semiconductor. PR4101 Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LED Driver PR4101
High Power LED Buck Driver
The PR4101 is a LED buck driver for driving one
or several high power LEDs in series. The
supply voltage can be up to 40 V, with an
output current of more than 1 A using an
external
n-channel
MOSFET
switching
transistor. The PR4101A with additional PWM and
power down input is delivered SOP14 packaged,
while the PR4101B is offered SO8 packaged.
FEATURES
• Adjustable output current of several amps
• Supply voltage up to 40 V
• Dimming with phase-cut dimmer
• Brightness control with PWM (PR4101A only)
• Output current temperature compensation
• Delayed start possible (PR4101A only)
• Over temperature protection
• Frequency spreading for improved EMI
• Low standby current of < 35 µA
• Under voltage lockout
APPLICATIONS
• Halogen lamp or filament bulb replacement by
LEDs
• General illumination
• Warning lights
• Automotive lighting
• Indicator signs
• LCD backlighting
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max Units
VCC, VDI (no damage)
-0.3
50
[V]
All other pins
14
[V]
Operating Chip
Temperature Range (over
temperature protection)
-20
125
[°C]
Storage Temperature
Range
-55
150
[°C]
Electrostatic Discharge
(ESD) Protection
2
[kV]
TYPICAL APPLICATION CIRCUIT
Gnd
Vsense
PR4101
Vcc
7...40 V
One or
more LEDs
SUB
5VHi
NDRV
Vcc
VDI
5VLo
CLED
D1
L
RVsense
Rsense
CIN
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 1/24


Similar Part No. - PR4101

ManufacturerPart #DatasheetDescription
logo
PREMA Semiconductor.
PR4102 PREMA-PR4102 Datasheet
335Kb / 8P
Buck Converter with controlled Output Current
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
High Power LED Buck Converter
PR4103A PREMA-PR4103A Datasheet
416Kb / 8P
High Power LED Buck Converter
PR4103B PREMA-PR4103B Datasheet
416Kb / 8P
High Power LED Buck Converter
More results

Similar Description - PR4101

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
Synchronous Buck-Boost High Power White LED Driver
logo
Diodes Incorporated
AL1676 DIODES-AL1676 Datasheet
487Kb / 15P
UNIVERSAL HIGH POWER FACTOR BUCK LED DRIVER
Rev 1
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
High power buck-boost white LED driver
10-Sep-2012
logo
SHANGHAI BELLING CO., L...
BL8345B BELLING-BL8345B Datasheet
325Kb / 7P
High PFC BUCK LED Driver
BL8345C BELLING-BL8345C Datasheet
325Kb / 7P
High PFC BUCK LED Driver
logo
Princeton Technology Co...
PT6982B PTC-PT6982B Datasheet
336Kb / 4P
High Precision Buck LED Driver
PT6983A PTC-PT6983A Datasheet
367Kb / 4P
High Precision Buck LED Driver
PT6984A PTC-PT6984A Datasheet
354Kb / 4P
High Precision Buck LED Driver
PT6985 PTC-PT6985 Datasheet
363Kb / 4P
High Precision Buck LED Driver
logo
QX Micro Devices Co.,Lt...
QX9920 QXMD-QX9920 Datasheet
390Kb / 9P
Buck Type High-power LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com