Electronic Components Datasheet Search
  English  ▼

X  

PR4101 Datasheet(PDF) 5 Page - PREMA Semiconductor.

Part # PR4101
Description  High Power LED Buck Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4101 Datasheet(HTML) 5 Page - PREMA Semiconductor.

  PR4101 Datasheet HTML 1Page - PREMA Semiconductor. PR4101 Datasheet HTML 2Page - PREMA Semiconductor. PR4101 Datasheet HTML 3Page - PREMA Semiconductor. PR4101 Datasheet HTML 4Page - PREMA Semiconductor. PR4101 Datasheet HTML 5Page - PREMA Semiconductor. PR4101 Datasheet HTML 6Page - PREMA Semiconductor. PR4101 Datasheet HTML 7Page - PREMA Semiconductor. PR4101 Datasheet HTML 8Page - PREMA Semiconductor. PR4101 Datasheet HTML 9Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LED Driver PR4101
Characteristic Performance Curves
1 x 3 W LED operated by varied Rsense and Inductances (given in the caption)
CIN=470 µF, RVSENSE = 1 kΩ , CLED = 100 µF, C5VHi/Lo = 220 nF, Ta = 25°C (unless otherwise noted)
5
10
15
20
25
30
35
40
45
50
55
60
0
100
200
300
400
500
600
700
800
900
0.25 Ohm / 100 µH
0.25 Ohm / 680 µH
0.33 Ohm / 100 µH
0.33 Ohm / 680 µH
0.50 Ohm / 100 µH
0.50 Ohm / 680 µH
1.00 Ohm / 100 µH
1.00 Ohm / 680 µH
Supply Voltage [V]
3 x 3.5 W LED operated in series by varied Rsense and Inductances (given in the caption)
CIN=470 µF, RVSENSE = 1 kΩ , CLED = 100 µF, C5VHi/Lo = 220 nF, Ta = 25°C (unless otherwise noted)
10
15
20
25
30
35
40
45
50
55
60
0
100
200
300
400
500
600
700
800
900
0.25 Ohm / 100 µH
0.25 Ohm / 680 µH
0.33 Ohm / 100 µH
0.33 Ohm / 680 µH
0.50 Ohm / 100 µH
0.50 Ohm / 680 µH
1.00 Ohm / 100 µH
1.00 Ohm / 680 µH
Supply Voltage [V]
0
10
20
30
40
50
0
1
2
3
4
Supply Voltage [V]
0
10
20
30
40
50
0
5
10
15
20
25
30
35
40
Supply Voltage [V]
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 5/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com