Electronic Components Datasheet Search
  English  ▼

X  

PR4101B Datasheet(PDF) 13 Page - PREMA Semiconductor.

Part # PR4101B
Description  High Power LED Buck Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4101B Datasheet(HTML) 13 Page - PREMA Semiconductor.

Back Button PR4101B Datasheet HTML 9Page - PREMA Semiconductor. PR4101B Datasheet HTML 10Page - PREMA Semiconductor. PR4101B Datasheet HTML 11Page - PREMA Semiconductor. PR4101B Datasheet HTML 12Page - PREMA Semiconductor. PR4101B Datasheet HTML 13Page - PREMA Semiconductor. PR4101B Datasheet HTML 14Page - PREMA Semiconductor. PR4101B Datasheet HTML 15Page - PREMA Semiconductor. PR4101B Datasheet HTML 16Page - PREMA Semiconductor. PR4101B Datasheet HTML 17Page - PREMA Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LED Driver PR4101
Application Notes
SELECTION OF THE INPUT CAPACITOR Cin
The input capacitor is necessary in case of AC
supply voltages to smooth the supply voltage. A
value between 100 µF and 4700 µF for normal
AC and of 470 µF up to 10000 µF for phase-cut
supply voltages is recommended.
In parallel a 100 nF capacitor should be placed
close to the IC supply pins.
Step-down regulators draw current from the
input supply in pulses with very fast rise and
fall times. The input capacitor is also required to
reduce the resulting voltage ripple at the PR4101
input and to force this switching current into a
tight local loop, minimizing EMI. The input
capacitor must have a low impedance at the
switching frequency to do this effectively, and it
should have an adequate ripple current rating.
SELECTION OF INDUCTOR AND CLED
Selection of the inductor value depends a lot on
the supply voltage, the number of connected
LEDs, but also on the allowed current ripple and
the desired efficiency. For a smaller LED current
higher values above 660 µH should be used. In
case that a minimized board size is desired
inductor values around 100 µH may be selected
but efficiency and LED current ripple are not
optimized in this case. The saturation current of
the inductors must be higher than the LED peak
current. A low DC resistance of the coil avoids
additional loss of efficiency.
A capacitor value of CLED between 22 µF and
1000 µF in parallel to the LED is recommended
to reduce the LED current ripple and avoid
exceeding the LED current rating.
SELECTION OF EXTERNAL MOSFET
The n-channel MOSFET must have a gate
threshold voltage of less than 3 V and a low ON
resistance. A recommended transistor is the
International Rectifier IRLL024N. To improve the
behaviour of the module, long lines between
the IC and the transistor should be avoided.
SELECTION OF THE EXTERNAL DIODE
A Schottky diode with fast recovery is needed
to reduce the voltage drop. The diode must be
able to carry the LED current flowing during the
OFF time of the driver. The reverse voltage of
the diode should be higher than the input
voltage.
DELAY START FEATURE (only PR4101A)
A delayed start is possible by connecting the
pin Delay to Gnd. Within the delay start period
the output current is switched off. After the
delay start period the output current rises to
100 % of the nominal current. The delay start
period is fixed and cannot be changed by
external components.
SELECTION OF RVSENSE AND RSENSE
The input VSENSE needs a series resistor
RVSENSE = 1 kΩ while the LED current is defined by
the selection of RSENSE. The nominal value of the
current sense resistor can be calculated with
the following formula:
R
SENSE=
V
SENSE
I
LED
The value of VSENSE can be found in
„Electrical Characteristics“.
For example: With an LED current of 1 A and
VSENSE =200 mV, RSENSE has a value of 200 mΩ.
The following table gives some resistor values
LED Current
RSENSE
350 mA
0.571 Ω
700 mA
0.286 Ω
1000 mA
0.200 Ω
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 13/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com