Electronic Components Datasheet Search
  English  ▼

X  

PR4101B Datasheet(PDF) 20 Page - PREMA Semiconductor.

Part # PR4101B
Description  High Power LED Buck Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMA [PREMA Semiconductor.]
Direct Link  https://www.prema.com/
Logo PREMA - PREMA Semiconductor.

PR4101B Datasheet(HTML) 20 Page - PREMA Semiconductor.

Back Button PR4101B Datasheet HTML 16Page - PREMA Semiconductor. PR4101B Datasheet HTML 17Page - PREMA Semiconductor. PR4101B Datasheet HTML 18Page - PREMA Semiconductor. PR4101B Datasheet HTML 19Page - PREMA Semiconductor. PR4101B Datasheet HTML 20Page - PREMA Semiconductor. PR4101B Datasheet HTML 21Page - PREMA Semiconductor. PR4101B Datasheet HTML 22Page - PREMA Semiconductor. PR4101B Datasheet HTML 23Page - PREMA Semiconductor. PR4101B Datasheet HTML 24Page - PREMA Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LED Driver PR4101
Available Package
TECHNICAL DRAWING
Package type: SOP 08L (PR4101B) or SOP 14L package (PR4101A)
Delivery in die form upon request.
Package
D
E
H
A
A1
e
b
L
Copl.
w
SOP 08L
PR4101B
Nom
max
4.90
3.90
6.00
1.75
0.15
1.27
0.41
0.72
0.10
4°
SOP 14L
PR4101A
Nom
max
8.65
3.90
6.00
1.75
0.15
1.27
0.41
0.72
0.10
4°
ALL PARTS DELIVERED, COMPLY WITH RoHS. FINISH IS PURE TIN.
© PREMA Semiconductor GmbH 2006-2014 I rev. 1014
Page 20/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com