Electronic Components Datasheet Search
  English  ▼

X  

ADM2867E Datasheet(PDF) 2 Page - Analog Devices

Part # ADM2867E
Description  5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2867E Datasheet(HTML) 2 Page - Analog Devices

  ADM2867E Datasheet HTML 1Page - Analog Devices ADM2867E Datasheet HTML 2Page - Analog Devices ADM2867E Datasheet HTML 3Page - Analog Devices ADM2867E Datasheet HTML 4Page - Analog Devices ADM2867E Datasheet HTML 5Page - Analog Devices ADM2867E Datasheet HTML 6Page - Analog Devices ADM2867E Datasheet HTML 7Page - Analog Devices ADM2867E Datasheet HTML 8Page - Analog Devices ADM2867E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ADM2867E/ADM2865E/ADM2863E/ADM2861E
Data Sheet
Rev. 0 | Page 2 of 29
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Functional Block Diagrams............................................................. 3
Specifications..................................................................................... 4
Timing Specifications .................................................................. 6
Package Characteristics ............................................................... 9
Regulatory Information............................................................... 9
Insulation and Safety Related Specifications ............................ 9
DIN VDE V 0884-11 (VDE V 0884-11) Insulation
Characteristics (Pending).......................................................... 10
Absolute Maximum Ratings.......................................................... 11
Thermal Resistance .................................................................... 11
ESD Caution................................................................................ 11
Pin Configurations and Function Descriptions ......................... 12
Typical Performance Characteristics ........................................... 14
Test Circuits..................................................................................... 19
Theory of Operation ...................................................................... 20
Low EMI Integrated DC-to-DC Converter ............................ 20
Robust Low Power Digital Isolator .......................................... 20
High Driver Differential Output Voltage ................................ 20
IEC61000-4-2 ESD Protection ................................................. 20
Truth Tables................................................................................. 21
Receiver Fail-Safe ....................................................................... 22
Driver And Receiver Cable Inversion...................................... 22
Hot Swap Inputs ......................................................................... 22
196 Transceivers on the Bus...................................................... 23
Driver Output Protection.......................................................... 23
1.7 V To 5.5 V VIO Logic Supply............................................... 23
Applications Information .............................................................. 24
PCB Layout and Electromagnetic Interference (EMI).......... 24
Device Power-Up ....................................................................... 24
Maximum Data Rate vs. Ambient Temperature .................... 24
Isolated PROFIBUS Solution.................................................... 25
EMC, EFT, and Surge................................................................. 25
Insulation Lifetime ..................................................................... 25
Typical Applications................................................................... 26
Outline Dimensions ....................................................................... 28
Ordering Guide .......................................................................... 28
Pending Products ....................................................................... 29
REVISION HISTORY
5/2020—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com