Electronic Components Datasheet Search
  English  ▼

X  

ADM2867E Datasheet(PDF) 21 Page - Analog Devices

Part # ADM2867E
Description  5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2867E Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM2867E Datasheet HTML 17Page - Analog Devices ADM2867E Datasheet HTML 18Page - Analog Devices ADM2867E Datasheet HTML 19Page - Analog Devices ADM2867E Datasheet HTML 20Page - Analog Devices ADM2867E Datasheet HTML 21Page - Analog Devices ADM2867E Datasheet HTML 22Page - Analog Devices ADM2867E Datasheet HTML 23Page - Analog Devices ADM2867E Datasheet HTML 24Page - Analog Devices ADM2867E Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
ADM2867E/ADM2865E/ADM2863E/ADM2861E
Rev. 0 | Page 21 of 29
make direct contact with the EUT. A number of factors affect
the results and repeatability of the air discharge test, including
humidity, temperature, barometric pressure, distance, and rate
of approach to the EUT. Air discharge testing is a more accurate
representation of an actual ESD event than contact discharge
but is not as repeatable. Therefore, contact discharge is the
preferred test method. During testing, the data port is subjected
to at least 10 positive and 10 negative single discharges. Selection
of the test voltage is dependent on the system end environment.
Figure 50 shows the 8 kV contact discharge current waveform
as described in the IEC 61000-4-2 specification. Some of the
key waveform parameters are rise times of less than 1 ns and
pulse widths of approximately 60 ns.
tR = 0.7ns TO 1ns
IPEAK
I30ns
I60ns
30A
90%
16A
8A
10%
30ns
60ns
TIME
Figure 50. IEC61000-4-2 ESD Waveform (8 kV)
Figure 51 shows the 8 kV contact discharge current waveform
from the IEC 61000-4-2 standard compared to the HBM ESD
8 kV waveform. Figure 51 shows that the two standards specify
a different waveform shape and peak current (IPEAK). The peak
current associated with an IEC 61000-4-2 8 kV pulse is 30 A,
whereas the corresponding peak current for HBM ESD is more
than five times less, at 5.33 A. The other difference is the rise
time of the initial voltage spike, with the IEC 61000-4-2 ESD
waveform having a much faster rise time of 1 ns, compared to
the 10 ns associated with the HBM ESD waveform. The amount
of power associated with an IEC ESD waveform is much greater
than that of an HBM ESD waveform. The HBM ESD standard
requires the EUT to be subjected to three positive and three
negative discharges, whereas in comparison, the IEC ESD
standard requires 10 positive and 10 negative discharge tests.
The ADM2861E/ADM2863E/ADM2865E/ADM2867E are
rated to ±12 kV contact and ±15 kV air ESD protection to the
IEC61000-4-2 standard between the RS-485 bus pins (A, B, Y
and Z) and GND2. The isolation barrier provides ±8 kV contact
protection between the bus pins and GND1. These devices with
IEC 61000-4-2 ESD ratings are better suited for operation in harsh
environments when compared to other RS-485 transceivers that
state varying levels of HBM ESD protection.
IPEAK
I30ns
I60ns
30A
90%
16A
IEC 61000-4-2 ESD 8kV
HBM ESD 8kV
8A
5.33A
10%
tR = 0.7ns TO 1ns
30ns
10ns
60ns
TIME
Figure 51. IEC61000-4-2 ESD8 kV Waveform Compared to HBM ESD 8 kV
Waveform
TRUTH TABLES
Table 15 and Table 16 use the abbreviations shown in Table 14.
VIO supplies the DE, TxD, RE, RxD, INVR, and INVD pins only.
Table 14. Truth Table Abbreviations
Letter
Description
H
High level
I
Indeterminate
L
Low level
X
Any state
Z
High impedance (off )
Table 15. Transmitting Truth Table
Supply Status
Inputs
Outputs
VCC
VIO
DE
TxD
INVD
Y
Z
On
On
H
H
L
H
L
On
On
H
H
H
L
H
On
On
H
L
L
L
H
On
On
H
L
H
H
L
On
On
L
X
X
Z
Z
On
Off
X
X
X
Z
Z
Off
X
X
X
X
Z
Z
Table 16. Receiving Truth Table
Supply Status
Inputs
Output
VCC
VIO
A − B
INVR
RE
RxD
On
On
≥−0.03 V
L
L
H
On
On
≤0.03 V
H
L
H
On
On
≤−0.2 V
L
L
L
On
On
≥0.2 V
H
L
L
On
On
−0.2 V < A – B < −0.03 V
L
L
I
On
On
0.03 V < A – B < 0.2 V
H
L
I
On
On
Inputs open/shorted
X
L
H
X
On
X
X
H
Z
X
Off
X
X
X
I
Off
On
X
X
L
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com