Electronic Components Datasheet Search
  English  ▼

X  

OT40F3C Datasheet(PDF) 2 Page - ABB

Part # OT40F3C
Description  CHANGE-OVER SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT40F3C Datasheet(HTML) 2 Page - ABB

  OT40F3C Datasheet HTML 1Page - ABB OT40F3C Datasheet HTML 2Page - ABB OT40F3C Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
68 mm
Product Net Depth /
Length
0.25 kg
Product Net Weight
Technical
(380 ... 415 V) 40 A
(500 V) 40 A
(690 V) 40 A
Rated Operational
Current AC-21A (Ie)
(380 ... 415 V) 40 A
(500 V) 40 A
(690 V) 40 A
Rated Operational
Current AC-22A (Ie)
(380 ... 415 V) 23 A
(500 V) 23 A
(690 V) 12 A
Rated Operational
Current AC-23A (Ie)
(380 ... 415 V) 11 kW
(500 V) 11 kW
(690 V) 11 kW
Rated Operational Power
AC-23A (Pe)
q = 40 °C 40 A
Conventional Free-air
Thermal Current (Ith)
Fully Enclosed 40 A
Conventional Thermal
Current (Ithe)
8 kV
Rated Impulse
Withstand Voltage (Uimp
)
750 V
Rated Insulation Voltage
(Ui)
750 V
Rated Operational
Voltage
for 1 s 0.5 kiloampere rms
Rated Short-time
Withstand Current (Icw)
1.6 W
Power Loss
3
Pollution Degree
Black
Handle Color
Handle and shaft not included
Handle Type
Mechanism on Top of the Switch
Switches Operating
Mechanism
Standard
Distance Between
Phases
Top In - Bottom Out, Bottom In - Top Out
Position of Line
Terminals
Front operated
Operating Mode
Base mounting
Mounting Type
3
Number of Poles
0.75 ... 10 mm²
Cable Cross-Section
Front IP20
Degree of Protection
Technical UL/CSA
(acc. to UL 200 V) 10 Hp
(acc. to UL 208 V) 10 Hp
(acc. to UL 240 V) 10 Hp
(acc. to UL 480 V) 20 Hp
(acc. to UL 600 V) 25 Hp
Horsepower Rating
UL/CSA
40 A
Ampere Rating UL/CSA
Certificates and Declarations (Document Number)
1SCC303019D0201
Declaration of
Conformity - CE
1SCC301054M0001
Instructions and
Manuals
2
OT40F3C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com