Electronic Components Datasheet Search
  English  ▼

X  

OT40F3C Datasheet(PDF) 3 Page - ABB

Part # OT40F3C
Description  CHANGE-OVER SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT40F3C Datasheet(HTML) 3 Page - ABB

  OT40F3C Datasheet HTML 1Page - ABB OT40F3C Datasheet HTML 2Page - ABB OT40F3C Datasheet HTML 3Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1SCC301183D0201
RoHS Information
Container Information
1 piece
Package Level 1 Units
80 mm
Package Level 1 Width
108 mm
Package Level 1 Depth /
Length
79 mm
Package Level 1 Height
0.25 kg
Package Level 1 Gross
Weight
6417019390536
Package Level 1 EAN
Classifications
Q
Object Classification
Code
EC000216 - Switch disconnector
ETIM 5
EC000216 - Switch disconnector
ETIM 6
EC000216 - Switch disconnector
ETIM 7
39122233
UNSPSC
5. Small Equipment (No External Dimension More Than 50 cm)
WEEE Category
3171262
E-Number (Sweden)
Low Voltage Products and Systems → Switches → Change-over and Transfer Switches → Manual Change-over Switches
Categories
3
OT40F3C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com