Electronic Components Datasheet Search
  English  ▼

X  

OT63F3 Datasheet(PDF) 2 Page - ABB

Part # OT63F3
Description  SWITCH-DISCONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT63F3 Datasheet(HTML) 2 Page - ABB

  OT63F3 Datasheet HTML 1Page - ABB OT63F3 Datasheet HTML 2Page - ABB OT63F3 Datasheet HTML 3Page - ABB OT63F3 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OT63-80F3.igs
Dimensions
52.5 mm
Product Net Width
91.5 mm
Product Net Height
72.5 mm
Product Net Depth /
Length
0.25 kg
Product Net Weight
Technical
(380 ... 415 V) 63 A
(500 V) 63 A
(690 V) 63 A
Rated Operational Current
AC-21A (Ie)
(380 ... 415 V) 63 A
(500 V) 63 A
(690 V) 63 A
Rated Operational Current
AC-22A (Ie)
(380 ... 415 V) 63 A
(500 V) 45 A
(690 V) 20 A
Rated Operational Current
AC-23A (Ie)
(220 ... 240 V) 11 kW
(400 ... 415 V) 22 kW
(500 V) 22 kW
(690 V) 15 kW
Rated Operational Power
AC-23A (Pe)
q = 40 °C 63 A
Conventional Free-air
Thermal Current (Ith)
Fully Enclosed 63 A
Conventional Thermal
Current (Ithe)
8 kV
Rated Impulse Withstand
Voltage (Uimp)
acc. to IEC/EN 60664-1 750 V
Rated Insulation Voltage
(Ui)
Main Circuit 750 V
Rated Operational Voltage
(690 V) 1.4 kA
Rated Short-Circuit
Making Capacity (Icm)
for 1 s 1 kA
Rated Short-time
Withstand Current (Icw)
at Rated Operating Conditions per Pole 2.8 W
Power Loss
3
Pollution Degree
Knob
Handle and shaft not included
Handle Type
Mechanism on Top of the Switch
Switches Operating
Mechanism
Standard
Distance Between Phases
Top In - Bottom Out
Bottom In - Top Out
Position of Line Terminals
Front operated
Operating Mode
IEC 60947-3 / UL 508 / CSA C22.2 No. 14
Standards
No
Special Functions
Base mounting
Mounting Type
3
Number of Poles
Cu 1.5...35 mm²
Cable Cross-Section
2
OT63F3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com