Electronic Components Datasheet Search
  English  ▼

X  

OT63F3 Datasheet(PDF) 3 Page - ABB

Part # OT63F3
Description  SWITCH-DISCONNECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT63F3 Datasheet(HTML) 3 Page - ABB

  OT63F3 Datasheet HTML 1Page - ABB OT63F3 Datasheet HTML 2Page - ABB OT63F3 Datasheet HTML 3Page - ABB OT63F3 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Front IP20
Degree of Protection
Screw Terminals
Terminal Type
acc. IEC 60947-1 2 N·m
Tightening Torque
20000
Mechanical Durability
No
Lock Type
Technical UL/CSA
600 V
Maximum Operating
Voltage UL/CSA
(110 ... 120 V AC) Single Phase 2 Hp
(240 V AC) Single Phase 7.5 Hp
(440 ... 480 V AC) Single Phase 15 Hp
(550 ... 600 V AC) Single Phase 15 Hp
(220 ... 240 V AC) Three Phase 15 Hp
(440 ... 480 V AC) Three Phase 30 Hp
(550 ... 600 V AC) Three Phase 30 Hp
Horsepower Rating
UL/CSA
60 A
Ampere Rating UL/CSA
18 in·lb
Tightening Torque
UL/CSA
Environmental
Following EU Directive 2011/65/EU
RoHS Status
1SCC301183D0201
Environmental Information
Certificates and Declarations (Document Number)
1SCC301167D2704
Declaration of Conformity
- CE
1SCC301183D0201
Environmental Information
1SCC301064M0212
Instructions and Manuals
1SCC301183D0202
RoHS Information
Container Information
1 piece
Package Level 1 Units
63 mm
Package Level 1 Width
103 mm
Package Level 1 Depth /
Length
85 mm
Package Level 1 Height
0.27 kg
Package Level 1 Gross
Weight
6417019392912
Package Level 1 EAN
Classifications
Q
Object Classification Code
EC000216 - Switch disconnector
ETIM 5
EC000216 - Switch disconnector
ETIM 6
3
OT63F3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com