Electronic Components Datasheet Search
  English  ▼

X  

RCBO Datasheet(PDF) 1 Page - GREEGOO Electric Co.,Ltd

Part # RCBO
Description  Single pole Rcbo (RCBO, electronic type, 18mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

RCBO Datasheet(HTML) 1 Page - GREEGOO Electric Co.,Ltd

  RCBO Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd RCBO Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Greegoo Electric Co.,Ltd
Add:Jinye Mansion, Lvzhuang, Liushi, Yueqing, Zhejiang, 325604 P.R. China
m
o
c
.
o
o
g
e
e
r
g
@
r
e
t
e
p
:l
i
a
m
-
E
m
o
c
.
o
o
g
e
e
r
g
.
w
w
w
//
:
e
g
a
p
e
m
o
H
1
MCB/RCD Combined RCBO
Single pole Rcbo (RCBO, electronic type, 18mm)
Tel: +86 577 62776000 Fax: +86 577 62776006
Space saving
Applications
Technical Parameter
1 Module RCD/MCBs
6kA
Just 18mm wide with a choice of current ratings
Greegoo’s new DIN mounted, 30/100mA combination RCD/MCBs are available as
single pole devices to save valuable switchboard space.Just 18mm wide and available
in current ratings, these combination devices have a short circuit interrupting capacity
of 6kA, rated at 240V, 30/100mA, with a thermal/overload protection B,C - Curve.
- Suitable for residential, commercial and industrial applications.
- Ideal for retrofit installations where pole space is a problem.
- Small width allows a greater number of RCD/MCBs to be installed in the one enclosure.
- 1 Module width is ideal for new installations where space is limited.
- Combination Head Screws for quick and easy termination.
- Lift-up terminals for safer ‘no hot spot’ termination. All wires are locked in.
Model Number
RCBO
Tripping Mode
ELECTRONIC TYPE
Pole No.
Pole
1P
Standard Conformity
IEC 61009-1
Tripping Characteristic
B/C
Rated Current (In)
A
2, 4, 6, 10, 16, 20, 25, 32, 40
Sensitivity (IΔn)
mA
30, 100,300
Residual Tripping Current Range
0.5 IΔn~1 IΔn
Rated Voltage (Un)
Vac
230/240
Rated Insulation Voltage (Ui)
V
660
Rated Frequency
Hz
50/60
Type
AC/A
Tripping Time
S
0.1
Shortcircuit Withstand Capacity
kA
6
Ambient Temperature
°C
-25 to +40
Electrical Mechanical Operation
cycles
4000
Mounting
Din Rail (35 * 7.5) mm
Degree of Protection
IP 20
Terminal Capacity (max)
mm
10~16
Connection Terminals
Screw Terminals 2.0Nm
Certificate
CE


Similar Part No. - RCBO

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RCB-1600 MEANWELL-RCB-1600 Datasheet
193Kb / 6P
CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
RCB-1600-12 MEANWELL-RCB-1600-12 Datasheet
193Kb / 6P
CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
RCB-1600-24 MEANWELL-RCB-1600-24 Datasheet
193Kb / 6P
CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
RCB-1600-48 MEANWELL-RCB-1600-48 Datasheet
193Kb / 6P
CHARGER FOR LEAD-ACID BATTERIES AND LI-ION BATTERIES
logo
Superworld Electronics
RCB0506 SUPERWORLD-RCB0506 Datasheet
613Kb / 4P
SMD POWER INDUCTORS
More results

Similar Description - RCBO

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XMUR18A SUNLED-XMUR18A Datasheet
172Kb / 3P
18mm SINGLE COLOR DOT MATRIX DISPLAY
logo
Kingbright Corporation
TC07-11PBWA KINGBRIGHT-TC07-11PBWA Datasheet
86Kb / 3P
18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11 KINGBRIGHT-TC07-11 Datasheet
133Kb / 5P
18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAYS
TA07-11EWA KINGBRIGHT-TA07-11EWA Datasheet
230Kb / 4P
18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
TC07-11YWA KINGBRIGHT-TC07-11YWA Datasheet
229Kb / 4P
18mm (0.7 INCH) SINGLE COLOR DOT MATRIX DISPLAY
logo
ALPS ELECTRIC CO.,LTD.
EC18A ALPS-EC18A Datasheet
723Kb / 4P
18mm Size Insulated Shaft Type
SDDJF1A ALPS-SDDJF1A Datasheet
894Kb / 3P
Slim Type Single Pole Rocker Type
logo
Cooper Bussmann, Inc.
HEC COOPER-HEC Datasheet
51Kb / 2P
Single-Pole for SC Type Fuses
logo
GREEGOO Electric Co.,Lt...
6RCBE GREEGOO-6RCBE Datasheet
934Kb / 2P
Single pole Rcbo
7RCBE GREEGOO-7RCBE Datasheet
679Kb / 2P
Single pole Rcbo (7RCBE, electronic type, 18mm)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com