Electronic Components Datasheet Search
  English  ▼

X  

RCBO Datasheet(PDF) 2 Page - GREEGOO Electric Co.,Ltd

Part # RCBO
Description  Single pole Rcbo (RCBO, electronic type, 18mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREEGOO [GREEGOO Electric Co.,Ltd]
Direct Link  https://www.greegoo.com/
Logo GREEGOO - GREEGOO Electric Co.,Ltd

RCBO Datasheet(HTML) 2 Page - GREEGOO Electric Co.,Ltd

  RCBO Datasheet HTML 1Page - GREEGOO Electric Co.,Ltd RCBO Datasheet HTML 2Page - GREEGOO Electric Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Greegoo Electric Co.,Ltd
Add:Jinye Mansion, Lvzhuang, Liushi, Yueqing, Zhejiang, 325604 P.R. China
m
o
c
.
o
o
g
e
e
r
g
@
r
e
t
e
p
:l
i
a
m
-
E
m
o
c
.
o
o
g
e
e
r
g
.
w
w
w
//
:
e
g
a
p
e
m
o
H
2
MCB/RCD Combined RCBO
Single pole Rcbo (RCBO, electronic type, 18mm)
Tel: +86 577 62776000 Fax: +86 577 62776006
Outline
35.5
81.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com